Electronic Components Datasheet Search
  English  ▼

X  

8KP Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 8KP
Description  Excellent clamping capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

8KP Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  8KP Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 8KP Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 8KP Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 8KP Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
8KP Series
Rev. 2.0, 25-Nov.-16
WWW.SEMITECH.CN
Electrical Specification (TA=25@25°C unless otherwise specified)
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
8KP17A
8KP17CA
17.0
18.90
20.90
5
27.6
293.5
150
8KP18A
8KP18CA
18.0
20.00
22.10
5
29.2
277.4
100
8KP20A
8KP20CA
20.0
22.20
24.50
5
32.4
250.0
50
8KP22A
8KP22CA
22.0
24.40
26.90
5
35.5
228.2
15
8KP24A
8KP24CA
24.0
26.70
29.50
5
38.9
208.2
5
8KP26A
8KP26CA
26.0
28.90
31.90
5
42.1
192.4
5
8KP28A
8KP28CA
28.0
31.10
34.40
5
45.4
178.4
5
8KP30A
8KP30CA
30.0
33.30
36.80
5
48.4
167.4
5
8KP33A
8KP33CA
33.0
36.70
40.60
5
53.3
152.0
5
8KP36A
8KP36CA
36.0
40.00
44.20
5
58.1
139.4
5
8KP40A
8KP40CA
40.0
44.40
49.10
5
64.5
125.6
5
8KP43A
8KP43CA
43.0
47.80
52.80
5
69.4
116.7
5
8KP45A
8KP45CA
45.0
50.00
55.30
5
72.7
111.4
5
8KP48A
8KP48CA
48.0
53.30
58,90
5
77.4
104.7
5
8KP51A
8KP51CA
51.0
56.70
62.70
5
82.4
98.3
5
8KP54A
8KP54CA
54.0
60.00
66.30
5
87.1
93.0
5
8KP58A
8KP58CA
58.0
64.40
71.20
5
93.6
86.5
5
8KP60A
8KP60CA
60.0
66.70
73.70
5
96.8
83.7
5
8KP64A
8KP64CA
64.0
71.10
78.60
5
103.0
78.6
5
8KP70A
8KP70CA
70.0
77.80
86.00
5
113.0
71.7
5
8KP75A
8KP75CA
75.0
83.30
92.10
5
121.0
66.9
5
8KP78A
8KP78CA
78.0
86.70
95.80
5
126.0
64.3
5
8KP85A
8KP85CA
85.0
94.40
104.00
5
137.0
59.1
5
8KP90A
8KP90CA
90.0
100.00
111.00
5
146.0
55.5
5
8KP100A
8KP100CA
100.0
111.00
123.00
5
162.0
50.0
5
8KP110A
8KP110CA
110.0
122.00
135.00
5
177.0
45.8
5
8KP120A
8KP120CA
120.0
133.00
147.00
5
193.0
42.0
5
8KP130A
8KP130CA
130.0
144.00
159.00
5
209.0
38.8
5
8KP150A
8KP150CA
150.0
167.00
185.00
5
243.0
33.3
5
8KP160A
8KP160CA
160.0
178.00
197.00
5
259.0
31.3
5
8KP170A
8KP170CA
170.0
189.00
209.00
5
275.0
29.5
5
8KP180A
8KP180CA
180.0
200.00
221.00
5
289.0
28.0
5
8KP190A
8KP190CA
190.0
211.00
233.00
5
310.0
26.1
5
8KP200A
8KP200CA
200.0
222.00
246.00
5
329.2
24.6
5
8KP210A
8KP210CA
210.0
233.00
258.00
5
349.5
23.2
5
8KP220A
8KP220CA
220.0
244.00
270.00
5
371.1
21.8
5
8KP250A
8KP250CA
250.0
277.00
306.00
5
425.0
19.1
5
※
For Bi-directional type having VRWM of 20 Volts and less, the IR limit is double.
※
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com