Electronic Components Datasheet Search
  English  ▼

X  

10KP Datasheet(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 10KP
Description  Low profile package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

10KP Datasheet(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  10KP Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 10KP Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 10KP Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 10KP Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
10KP Series
10000W Axial Leaded
Transient Voltage Suppressors
.
Features
l
Peak power dissipation 10000W @10 x 1000 us Pulse
l
Low profile package.
l
Excellent clamping capability.
l
Glass passivated junction.
l
Fast response time: typically less than 1ps from 0 Volts to BV min
l
Typical IR less than 5uA when VBR min above 24V.
l
IEC 61000-4-2 ESD 30KV(Air), 30KV(Contact)
l
ESD protection of data lines in accordance with IEC 61000-4-2
l
EFT protection of data lines in accordance with IEC 61000-4-4
l
Halogen free and RoHS compliant
l
Lead-free finish
Mechanical Characteristics
l
CASE: R-6 Molded Plastic
l
Mounting Position: Any
l
Polarity: by cathode band denotes uni-directional
device, none cathode band denotes bi-directional
device.
l
Terminal: Solder plated
Maximum Ratings and Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform (Note 1, FIG.1)
PPPM
Min 10000
W
Power Dissipation on Infinite Heat Sink at TL=75°C
PD
8.0
W
Peak Pulse Current of on 10/1000us Waveform (Note 1, FIG.3)
IPPM
See Table 1
A
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave (Note 2)
IFSM
400
A
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Measured on 8.3ms single half sine-wave, or equivalent square wave, for Unidirectional device only.
Rev. 2.0, 25-Nov.-16
WWW.SEMITECH.CN
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
25.4
---
1.000
---
B
8.6
9.5
0.34
0.375
C
1.2
1.3
0.048
0.052
D
8.6
9.5
0.340
0.375
Bi-directional
Uni-directional
Cathode
Anode
R-6


Similar Part No. - 10KP

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
10KP YINT-10KP Datasheet
560Kb / 4P
Transient Voltage Suppression Diodes
logo
FutureWafer Tech Co.,Lt...
10KP FUTUREWAFER-10KP Datasheet
884Kb / 9P
10000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
SUNMATE electronic Co.,...
10KP100A SUNMATE-10KP100A Datasheet
1Mb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
Shanghai Yint Electroni...
10KP100A YINT-10KP100A Datasheet
560Kb / 4P
Transient Voltage Suppression Diodes
logo
DONGGUAN YOU FENG WEI E...
10KP100A YFWDIODE-10KP100A Datasheet
622Kb / 5P
10000W Axial Leaded Transient Voltage Suppressors
More results

Similar Description - 10KP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
Low profile package
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
Low profile package
logo
Shanghai Semitech Semic...
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
Low profile package
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
Low profile package
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
Low profile package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com