Electronic Components Datasheet Search
  English  ▼

X  

ESDA25L Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # ESDA25L
Description  2 Unidirectional Transil functions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

ESDA25L Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  ESDA25L Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd ESDA25L Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd ESDA25L Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd ESDA25L Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESDAxxL SERIES
Electrical Characteristics
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VBR
VF
Rd
αT
C
Min.
Max.
IR
VRM
IRM
Max.
IF
Typ.
(1)
Max.
(2)
Typ. 0v bias
Part Numbers
v
v
mA
v
µA
v
mA
mΩ
10
-4/°C
pF
ESDA5V3L
5.3
5.9
1
3
2
1.25
200
280
5
220
ESDA6V1L
6.1
7.2
1
5.25
20
1.25
200
350
6
140
ESDA14V2L
14.2
15.8
1
12
5
1.25
200
650
10
90
ESDA25L
25
30
1
24
1
1.2
10
1000
10
50
1.
Square pulse IPP=15A,tp=2.5µs 2.△VBR=aT*(Tamb-25°C)*VBR(25°C)
Fig1.Peak power dissipation versus
Fig2. Peak pulse power versus exponential
Initial junction temperature
pulse duration(Tj initial=25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com