Electronic Components Datasheet Search
  English  ▼

X  

ISO809P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO809P
Description  Isolated 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO809P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO809P Datasheet HTML 1Page - Burr-Brown (TI) ISO809P Datasheet HTML 2Page - Burr-Brown (TI) ISO809P Datasheet HTML 3Page - Burr-Brown (TI) ISO809P Datasheet HTML 4Page - Burr-Brown (TI) ISO809P Datasheet HTML 5Page - Burr-Brown (TI) ISO809P Datasheet HTML 6Page - Burr-Brown (TI) ISO809P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
®
ISO809
POWER SUPPLIES
Specified Performance
VDIG1
Must be
≤ V
ANA
+4.75
+5
+5.25
V
VANA
+4.75
+5
+5.25
V
VDIG2
+4.75
+5.25
V
IDIG1
4.2
mA
IANA
21
mA
IDIG2
10.8
mA
Power Dissipation
VANA = VDIG = 5V, fS = 100kHz
175
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
Storage
–65
+150
°C
Thermal Resistance,
θ
JA
Plastic DIP
75
°C/W
SPECIFICATIONS (CONT)
ELECTRICAL
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 3, unless otherwise specified.
ISO809P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES: (1) LSB means Least Significant Bit. One LSB for the
±10V input range is 3.05µV. (2) Typical rms noise at worst case transition. (3) As measured with
fixed resistors shown in Figure 7b. Adjustable to zero with external potentiometer. (4) Full scale error is the worst case of –Full Scale or +Full Scale untrimmed
deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. (5)
All specifications in dB are referred to a full-scale input. (6) Usable Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise + Distortion) degrades
to 60dB. (7) Recovers to specified performance after 2 x FS input overvoltage. (8) All devices receive a 1s test. Failure criterion is
≥ 5 pulses of ≥ 5pC. (9) Tested
at 2500Vrms, 50Hz limit 10
µA.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
Analog Inputs: R1IN ........................................................................... ±25V
R2IN ........................................................................... ±25V
R3IN ........................................................................... ±25V
CAP .................................... VANA +0.3V to AGND2 –0.3V
REF ........................................... Indefinite Short to AGND,
Momentary Short to VANA
Ground Voltage Differences: DGND and AGND ...............................
±0.3V
DGND, AGND, and GNDISO ........... 1563Vrms
VANA ....................................................................................................... 7V
VDIG to VANA ...................................................................................... +0.3V
VDIG ........................................................................................................ 7V
Digital Inputs .............................................................. –0.3V to VDIG +0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 700mW
Lead Temperature (soldering, 10s) ................................................ +300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
ISO809P
28-Pin Plastic DIP
215-1
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
MAXIMUM INTEGRAL
TYPICAL SIGNAL-TO-
SPECIFICATION
PRODUCT
LINEARITY ERROR (LSB)
(NOISE + DISTORTION) RATIO (dB)
TEMPERATURE RANGE (
°C)
PACKAGE
ISO809P
±4
83
–40
°C to +85°C
28-Pin Plastic DIP
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com