Electronic Components Datasheet Search
  English  ▼

X  

SRC0504F Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SRC0504F
Description  Low clamping voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SRC0504F Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SRC0504F Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SRC0504F Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SRC0504F Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRC0504F
Electrical Characteristics(Tamb=25
C)
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Reverse Stand-Off Voltage
VRWM
Pin 5 to 2
5
V
Reverse Breakdown Voltage
VBR
It = 1mA
Pin 5 to 2
6
V
Reverse Leakage Current
IR
VRWM = 5V, T=25℃
Pin 5 to 2
5
μA
Forward Voltage
VF
If =15mA
1.2
V
Clamping Voltage
VC
IPP = 1A, tp = 8/20μs
Any I/O pin to Ground
12.5
V
Junction Capacitance
Cj
VR = 0V, f = 1MHz
Any I/O pin to Ground
0.8
pF
VR = 0V, f = 1MHz
Between I/O pins
0.4
pF
Electrical Characteristics Curve
WWW.SEMITECH.CN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com