Electronic Components Datasheet Search
  English  ▼

X  

MMF45A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF45A
Description  Low profile package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF45A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF45A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF45A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF45A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF45A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd MMF45A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMF Series
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
Type
Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
MMF5.0A
MMF5.0CA
5.0A
5.0CA
5.0
6.40
7.00
10
9.2
21.7
400.0
MMF6.0A
MMF6.0CA
6.0A
6.0CA
6.0
6.67
7.37
10
10.3
19.4
400.0
MMF6.5A
MMF6.5CA
6.5A
6.5CA
6.5
7.22
7.98
10
11.2
17.9
250.0
MMF7.0A
MMF7.0CA
7.0A
7.0CA
7.0
7.78
8.60
10
12.0
16.7
100.0
MMF7.5A
MMF7.5CA
7.5A
7.5CA
7.5
8.33
9.21
1
12.9
15.5
50.0
MMF8.0A
MMF8.0CA
8.0A
8.0CA
8.0
8.89
9.83
1
13.6
14.7
25.0
MMF8.5A
MMF8.5CA
8.5A
8.5CA
8.5
9.44
10.40
1
14.4
13.9
10.0
MMF9.0A
MMF9.0CA
9.0A
9.0CA
9.0
10.00
11.10
1
15.4
13.0
5.0
MMF10A
MMF10CA
10A
10CA
10.0
11.10
12.30
1
17.0
11.8
2.5
MMF11A
MMF11CA
11A
11CA
11.0
12.20
13.50
1
18.2
11.0
2.5
MMF12A
MMF12CA
12A
12CA
12.0
13.30
14.70
1
19.9
10.1
2.5
MMF13A
MMF13CA
13A
13CA
13.0
14.40
15.90
1
21.5
9.3
1
MMF14A
MMF14CA
14A
14CA
14.0
15.60
17.20
1
23.2
8.6
1
MMF15A
MMF15CA
15A
15CA
15.0
16.70
18.50
1
24.4
8.2
1
MMF16A
MMF16CA
16A
16CA
16.0
17.80
19.70
1
26.0
7.7
1
MMF17A
MMF17CA
17A
17CA
17.0
18.90
20.90
1
27.6
7.2
1
MMF18A
MMF18CA
18A
18CA
18.0
20.00
22.10
1
29.2
6.8
1
MMF20A
MMF20CA
20A
20CA
20.0
22.20
24.50
1
32.4
6.2
1
MMF22A
MMF22CA
22A
22CA
22.0
24.40
26.90
1
35.5
5.6
1
MMF24A
MMF24CA
24A
24CA
24.0
26.70
29.50
1
38.9
5.1
1
MMF26A
MMF26CA
26A
26CA
26.0
28.90
31.90
1
42.1
4.8
1
MMF28A
MMF28CA
28A
28CA
28.0
31.10
34.40
1
45.4
4.4
1
MMF30A
MMF30CA
30A
30CA
30.0
33.30
36.80
1
48.4
4.1
1
MMF33A
MMF33CA
33A
33CA
33.0
36.70
40.60
1
53.3
3.8
1
MMF36A
MMF36CA
36A
36CA
36.0
40.00
44.20
1
58.1
3.4
1
MMF40A
MMF40CA
40A
40CA
40.0
44.40
49.10
1
64.5
3.1
1
MMF43A
MMF43CA
43A
43CA
43.0
47.80
52.80
1
69.4
2.9
1
MMF45A
MMF45CA
45A
45CA
45.0
50.00
55.30
1
72.7
2.8
1
MMF48A
MMF48CA
48A
48CA
48.0
53.30
58,90
1
77.4
2.6
1
MMF51A
MMF51CA
51A
51CA
51.0
56.70
62.70
1
82.4
2.4
1
MMF54A
MMF54CA
54A
54CA
54.0
60.00
66.30
1
87.1
2.3
1
MMF58A
MMF58CA
58A
58CA
58.0
64.40
71.20
1
93.6
2.1
1
MMF60A
MMF60CA
60A
60CA
60.0
66.70
73.70
1
96.8
1.8
1
MMF64A
MMF64CA
64A
64CA
64.0
71.10
78.60
1
103.0
1.7
1
MMF70A
MMF70CA
70A
70CA
70.0
77.80
86.00
1
113.0
1.5
1
MMF75A
MMF75CA
75A
75CA
75.0
83.30
92.10
1
121.0
1.4
1
※
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com