Electronic Components Datasheet Search
  English  ▼

X  

M28 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M28
Description  Available in plastic and stud-mount metal enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M28 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M28 Datasheet HTML 1Page - List of Unclassifed Manufacturers M28 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
www.magtechind.com   Tel: 702‐364‐9998
Units: IN [mm]
1.65 [42.0]
1.02 [26.0]
0.20 [5.0]
1.14 [29.0]
4.76 [121.0]
4.02 [102.0]
2.00 [50.8]
8-32(x2)
4.49 [114.0]
1.01 [25.6]
Units: IN [mm]
3.22 [81.8]
1.18 [30.0]
3.46 [88.0]
1.61 [41.0]
1.37 [34.8]
? .12 [? .0]
0.13 [3.3]
“Xm” – Stud‐mountable Metal Case 
“Xp” – Plastic Case 
M28 Series
AC-Dimm
®
Product
Specifications
ANZ#: Z198b, January 9, 2014
High Power Constant Current LED Driver
Total Power
28 Watts max.
Input Voltages
110 ~ 277VAC
Number of Outputs
One
 
SPECIAL FEATURES
 Compact size maximizes design flexibility.
 Available in plastic and stud-mount metal enclosures
 Fully potted, suitable for dry and damp location applications
 Compatible with Standard Electronics Low Voltage Dimmers
 UL8750 Class 2 and CE compliant
 Full range AC input from 115 ~ 277V
ENVIRONMENTAL
Operating temperature:
-40 to +50 º C
Storage temperature:
-40 to +85 º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC ambient conditions
(MIL-217F)
 
SPECIFICATIONS :
Input Range : 110 ~ 277VAC / 0.30 ~ 0.15A /47~63Hz
Power Factor: > 0.98 at full load, 115VAC or 230VAC
DC Output Range : Refer to Model selection table
Operation Temp. : -30
℃ ~ +50℃ , Tc : 80 ℃
Efficiency : 87% Typical
Storage Temp. : -40
℃ ~ +85℃
Output Current Regulation : ±5%
MTBF(@25
℃) : >100,000 Hours, MIL-217F
Protection : OCP, SCP, OVP – Auto Recovery
Regulation Compliance: UL8750 or EN61347, EN55015, EN61547
Dimming : Compatible with ELV dimmers
Dimension:
3.49” (L) x 1.64” (W) x 1.20” (H)
 
MODEL SELECTION :
Model Number
DC Output Range (Vf)
Max. Output Current (mA)
Max. Output Power (W)
M28-U24-yyyy-Xz
15 ~ 24 VDC
1250
30
M28-U30-yyyy-Xz
16 ~ 30 VDC
1000
30
M28-U36-yyyy-Xz
20 ~ 36 VDC
830
30
M28-U42-yyyy-Xz
28 ~ 42 VDC
720
30
M28-U54-yyyy-Xz
40 ~ 54 VDC
560
30
“xx” = Output Voltage ; “yyyy” = Output current ; “z” = Case style and material, Xp = 94V-0 plastic ; Xm = stud-mount metal
 
MECHANICAL SPECIFICATION : M28-Uxx-yyyy-Xz
 
 


Similar Part No. - M28

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
M28.173A INTERSIL-M28.173A Datasheet
13Kb / 1P
Plastic Packages for Integrated Circuits
logo
STMicroelectronics
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
M28010-10BA1T STMICROELECTRONICS-M28010-10BA1T Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
M28010-10BA6T STMICROELECTRONICS-M28010-10BA6T Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
M28010-10KA1T STMICROELECTRONICS-M28010-10KA1T Datasheet
150Kb / 23P
1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
28-Feb-2000
More results

Similar Description - M28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
Screw-in Safety Socket with Stud and Metal Nut
BU-31607-9 ETC2-BU-31607-9 Datasheet
94Kb / 1P
Screw-in Safety Socket with Stud and Metal Nut
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
Use with plastic* or metal enclosures
ANT-315-CW-HD ETC2-ANT-315-CW-HD Datasheet
152Kb / 1P
Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
Use with plastic* or metal enclosures
ANT-2.4-PW-QW ETC2-ANT-2.4-PW-QW Datasheet
185Kb / 1P
Use with plastic or metal enclosures
logo
M/A-COM Technology Solu...
A5-5 MA-COM-A5-5_15 Datasheet
619Kb / 3P
AVAILABLE IN SURFACE MOUNT
logo
List of Unclassifed Man...
M38 ETC2-M38 Datasheet
331Kb / 2P
Available in plastic and stud-mount metal enclosures
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com