Electronic Components Datasheet Search
  English  ▼

X  

MDF51 Datasheet(PDF) 6 Page - Hirose Electric

Part # MDF51
Description  High Voltage Wire-to-Board Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 6 Page - Hirose Electric

Back Button MDF51_17 Datasheet HTML 2Page - Hirose Electric MDF51_17 Datasheet HTML 3Page - Hirose Electric MDF51_17 Datasheet HTML 4Page - Hirose Electric MDF51_17 Datasheet HTML 5Page - Hirose Electric MDF51_17 Datasheet HTML 6Page - Hirose Electric MDF51_17 Datasheet HTML 7Page - Hirose Electric MDF51_17 Datasheet HTML 8Page - Hirose Electric MDF51_17 Datasheet HTML 9Page - Hirose Electric MDF51_17 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MDF51 Series
●High Voltage Wire-to-Board Connectors
■Header (Contact pitch : 13 mm)
●Straight, through-hole
19.1
1.2
Contact No.1 mark
18.2
24.1
P=13
6.75
2.8
2.8
0.9 +0.1
0
2
18.2±0.1
19.1±0.1
+0.1
0
●Packaging Specification
Recommended PCB layout dimensions
PCB thickness : 1.6mm
Unit : mm
Unit : mm
27.8
13
Contact No.1 indicator
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51SY-2P-13DSA(21) 547-0920-3 21
2
Black
120 pcs/tray
Please place orders in full tray increments.
Part No.
HRS No.
No. of
contacts
Insulator
Color
Packaging
MDF51SU-2S-13C(03)
547-2018-1 03
2
Gray
100 pcs/pack
Please place orders in full pack increments.
■Crimp socket (Contact pitch : 13 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com