Electronic Components Datasheet Search
  English  ▼

X  

SR6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SR6
Description  Force Guided Relay on DIN-rail SR6 Z
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SR6 Datasheet HTML 1Page - TE Connectivity Ltd SR6 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay on DIN-rail SR6 Z (Continued)
AC/DC module, 4 NO+2 NC version
S0422-BD
AC/DC module, 3 NO+3 NC version
S0422-BE
AC/DC module, 5 NO+1 NC version
S0422-BF
Product code
Type
Contact configuration Contact material
Coil
Part number
SR6ZA024
6-pole
3 form A + 3 form B
AgSnO2
24VDC
7-1415033-1
SR6ZA524
force guided
3 NO + 3 NC
24VAC/VDC
9-1415059-1
SR6ZA615
relay module
contacts
115VAC/VDC
1415060-1
SR6ZA730
230VAC
1-1415060-1
SR6ZB024
4 form A + 2 form B
24VDC
5-1415033-1
SR6ZB524
4 NO + 2 NC
24VAC/VDC
2-1415060-1
SR6ZB615
contacts
115VAC/VDC
6-1415046-1
SR6ZB730
230VAC
3-1415060-1
SR6ZC024
5 form A + 1 form B
24VDC
3-1415042-1
SR6ZC524
5 NO + 1 NC
24VAC/VDC
4-1415060-1
SR6ZC615
contacts
115VAC/VDC
5-1415060-1
SR6ZC730
230VAC
6-1415060-1
Product code structure
Typical product code
SR6Z
B
024
Type
SR6Z Relay with force guided contacts on DIN-rail SR6 Z
Contact configuration
A 3 form A (NO) + 3 form B (NC) contacts
B 4 form A (NO) + 2 form B (NC) contacts
C 5 form A (NO) + 1 form B (NC) contacts
Coil
DC Coil code = rated coil voltage (e.g. 024=24 VDC)
AC/DC coil code: 524=24 VAC/VDC, 615=115 VAC/VDC
AC coil code: 730=230 VAC
Other types on request
Terminal assignment
DC module, 4 NO+2 NC version
DC module, 3 NO+3 NC version
DC module, 5 NO+1 NC version
S6Z8004



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com