Electronic Components Datasheet Search
  English  ▼

X  

DTC115TM3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # DTC115TM3
Description  Digital Transistors (BRT)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC115TM3 Datasheet(HTML) 2 Page - ON Semiconductor

  DTC115TM3 Datasheet HTML 1Page - ON Semiconductor DTC115TM3 Datasheet HTML 2Page - ON Semiconductor DTC115TM3 Datasheet HTML 3Page - ON Semiconductor DTC115TM3 Datasheet HTML 4Page - ON Semiconductor DTC115TM3 Datasheet HTML 5Page - ON Semiconductor DTC115TM3 Datasheet HTML 6Page - ON Semiconductor DTC115TM3 Datasheet HTML 7Page - ON Semiconductor DTC115TM3 Datasheet HTML 8Page - ON Semiconductor DTC115TM3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MUN2241, MMUN2241L, MUN5241, DTC115TE, DTC115TM3, NSBC115TF3
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping†
MUN2241T1G
8U
SC−59
(Pb−Free)
3000 / Tape & Reel
MMUN2241LT1G
A8U
SOT−23
(Pb−Free)
3000 / Tape & Reel
MUN5241T1G
AW
SC−70/SOT−323
(Pb−Free)
3000 / Tape & Reel
DTC115TET1G
7V
SC−75
(Pb−Free)
3000 / Tape & Reel
DTC115TM3T5G
7D
SOT−723
(Pb−Free)
8000 / Tape & Reel
NSBC115TF3T5G
P (90
°)*
SOT−1123
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
* (xx
°) = Degree rotation in the clockwise direction.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2) (3) (4) (5)
(1) SC−75 and SC−70/SOT323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−23; Minimum Pad
(4) SOT−1123; 100 mm2, 1 oz. copper trace
(5) SOT−723; Minimum Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com