Electronic Components Datasheet Search
  English  ▼

X  

LM4051 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4051
Description  Precision Micropower Shunt Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4051 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4051 Datasheet HTML 5Page - National Semiconductor (TI) LM4051 Datasheet HTML 6Page - National Semiconductor (TI) LM4051 Datasheet HTML 7Page - National Semiconductor (TI) LM4051 Datasheet HTML 8Page - National Semiconductor (TI) LM4051 Datasheet HTML 9Page - National Semiconductor (TI) LM4051 Datasheet HTML 10Page - National Semiconductor (TI) LM4051 Datasheet HTML 11Page - National Semiconductor (TI) LM4051 Datasheet HTML 12Page - National Semiconductor (TI) LM4051 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Applications Information
The LM4051 is a precision micro-power curvature-corrected
bandgap shunt voltage reference. For space critical applica-
tions, the LM4051 is available in the sub-miniature SSOT-23
surface-mount package. The LM4051 has been designed for
stable operation without the need of an external capacitor
connected between the “+” pin and the “−” pin. If, however, a
bypass capacitor is used, the LM4051 remains stable. De-
sign effort is further reduced with the choice of either a fixed
1.2V or an adjustable reverse breakdown voltage. The mini-
mum operating current is 60 µA for the LM4051-1.2 and the
LM4051-ADJ. Both versions have a maximum operating cur-
rent of 12 mA.
LM4051s using the SSOT-23 package have pin 3 connected
as the (-) output through the package’s die attach interface.
Therefore, the LM4051-1.2’s pin 3 must be left floating or
connected to pin 2 and the LM4051-ADJ’s pin 3 is the (-) out-
put.
In a conventional shunt regulator application
(Figure 1),an
external series resistor (R
S) is connected between the sup-
ply voltage and the LM4051. R
S determines the current that
flows through the load (I
L) and the LM4051 (IQ). Since load
current and supply voltage may vary, R
S should be small
enough to supply at least the minimum acceptable I
Q to the
LM4051 even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and I
L is at its minimum, RS should
be large enough so that the current flowing through the
LM4051 is less than 12 mA.
R
S should be selected based on the supply voltage, (VS), the
desired load and operating current, (I
L and IQ), and the
LM4051’s reverse breakdown voltage, V
R.
The LM4051-ADJ’s output voltage can be adjusted to any
value in the range of 1.24V through 10V. It is a function of the
internal reference voltage (V
REF) and the ratio of the external
feedback resistors as shown in
Figure 2 . The output voltage
is found using the equation
V
O =VREF[(R2/R1) + 1]
(1)
(2)
where V
O is the output voltage. The actual value of the inter-
nal V
REF is a function of VO. The “corrected” VREF is deter-
mined by
V
REF =VO (∆VREF/∆VO)+VY
(3)
where
V
Y = 1.22V
∆V
REF/∆VO is found in the Electrical Characteristics and is
typically −1.55 mV/V. You can get a more accurate indication
of the output voltage by replacing the value of V
REF in equa-
tion (1) with the value found using equation (3).
Typical Applications
DS101222-22
FIGURE 1. Shunt Regulator
DS101222-34
FIGURE 2. Adjustable Shunt Regulator
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com