Electronic Components Datasheet Search
  English  ▼

X  

628 Datasheet(PDF) 5 Page - TT Electronics.

Part # 628
Description  Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

628 Datasheet(HTML) 5 Page - TT Electronics.

  628 Datasheet HTML 1Page - TT Electronics. 628 Datasheet HTML 2Page - TT Electronics. 628 Datasheet HTML 3Page - TT Electronics. 628 Datasheet HTML 4Page - TT Electronics. 628 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
MIL-R-914 - Resistor Networks, Fixed, Film, Surface Mount Established Reliability General Specifications
MIL-STD-105 - Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 - Test Methods for Electronics and Electrical Component Parts
EIA-481 - Carrier Taping of Surface Mount Components for Automatic Handling
EIA-PDP-100 - SOGN-0002 Outline Dimensions
62 8 J 331 / 471 F TR4
Model
Number of Leads:
7 = 14 Leads
8 = 16 Leads
Circuit Type:
A = Isolated
B = Bussed
J = Dual Terminator
Standard Tape & Reel Packaging:
(No code used for magazines.)
Tolerance Code:
F = ±1%
(No code used for 2% Std.)
R2 Resistance Code:
(Add for J Circuit only.)
Resistance Code:
E12 & E24 Series: First two digits are significant.
Last digit denotes number of trailing zeros.
E96 Series: First three digits are significant.
Last digit denotes number of trailing zeros.
Applicable Documents
Model 628
Model 628 Series
05.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com