Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 1 Page - TT Electronics.

Part # 4502
Description  customs design service available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4502 Datasheet(HTML) 1 Page - TT Electronics.

  4502 Datasheet HTML 1Page - TT Electronics. 4502 Datasheet HTML 2Page - TT Electronics. 4502 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage Planar Resistors
4500 Series
Voltages up to 20kV dc.
Powersupto4.5Watts
TCR to 50ppm/°C
Customs design service available
Planarconstructiongiveslowinductanceandcapacitance
High Voltage
Planar Resistors
4500 Series
• Voltages up to 20kV dc.
• Powers up to 4.5 Watts
• TCR to 50ppm/°C
• Customs design service available
• Planar construction gives low inductance and
capacitance
4501
4502
4503
4504
4505
4506
4507
Power rating at 70°C
watts
1
1.7
2
3
2.8
3.6
4.5
Resistance range
ohms
20k to 500M 36k to 750M 36k to 750M
62k to 1G
51k to 1G
82k to 1G
180k to 1.5G
Limiting element voltage
volts
10k
10k
15k
15k
20k
20k
20k
TCR (20°C to 70°C)
ppm/°C
100, 150 (see table below for 50ppm)
Resistance tolerance
%
1, 2, 5
Values
Any value to order
Ambient temperature range
°C
-55 to 125
Value ranges for TCR of 100 ppm/°C
≤150M
≤270M
≤270M
≤470M
≤390M
≤680M
≤1.5G
Value ranges for TCR of 150 ppm/°C
>150M
>270M
>270M
>470M
>390M
>680M
Value ranges available for
M
0
0
6
<
M
0
0
3
<
M
0
5
2
<
M
0
5
2
<
M
0
0
2
<
M
0
5
1
<
M
0
0
1
<
C
°
/
m
p
p
0
5
f
o
R
C
T
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
205
Dimensions (mm) of Uncoated Resistors*
P (nominal)
Type
L max
H max
W max
450000
450000A
4501
25.7
9
2
20.3
22.9
4502
25.7
13
2
20.3
22.9
4503
38.7
9
2
33.0
35.6
4504
38.7
13
2
33.0
35.6
4505
51.2
9
2
45.7
48.3
4506
51.2
13
2
45.7
48.3
4507
51.2
25.7
2
45.7
48.3
Physical Data
*Conformally coated resistors: Add 1mm to dimensions L and H and 0.5mm to W.
4500 series new 2/6/03 4:01 pm Page 1
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - 4502

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4502 WELWYN-4502 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
logo
Renesas Technology Corp
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
3Mb / 214P
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4502 TTELEC-4502 Datasheet
449Kb / 3P
High Voltage Planar Resistors
logo
Heyco.
4502 HEYCO-4502 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results

Similar Description - 4502

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
Accessories & Service
Z10004A IVO-Z10004A Datasheet
181Kb / 1P
Accessories & Service
Z10704A IVO-Z10704A Datasheet
167Kb / 1P
Accessories & Service
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
Accessories & Service
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B_10 Datasheet
322Kb / 3P
xDSL line transformer Custom design is available
logo
Central Technologies
CTDD3120DF-D1R5K-3 CT-CTDD3120DF-D1R5K-3 Datasheet
537Kb / 2P
Custom service available
logo
TT Electronics.
PHVP TTELEC-PHVP Datasheet
485Kb / 2P
Custom design service available
T-FILTER TTELEC-T-FILTER Datasheet
306Kb / 2P
High frequency design available
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com