Electronic Components Datasheet Search
  English  ▼

X  

4504 Datasheet(PDF) 3 Page - TT Electronics.

Part # 4504
Description  customs design service available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4504 Datasheet(HTML) 3 Page - TT Electronics.

  4504 Datasheet HTML 1Page - TT Electronics. 4504 Datasheet HTML 2Page - TT Electronics. 4504 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Voltage
Planar Resistors
4500 Series
High Voltage
Planar Resistors
4500 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
206
4500 series new
2/6/03
4:01 pm
Page 2
Ordering Procedure
Example: 4503 on 35.6mm pitch with leadframe terminals and conformal coat at 15 megohms
and 1% tolerance -
4 5 0 3 1 2 A – 1 5 M F I
Type
Terminal
1
Leadframe
2
Copper wire
Protection
2
Conformal coating
3
Screen printed protection
4
Unprotected
Pitch
Standard
A
Alternative
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G 2%
J
5%
Packing
I
Box
Standard
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com