Electronic Components Datasheet Search
  English  ▼

X  

201CHA390JSLE Datasheet(PDF) 5 Page - Hongfa Technology

Part # 201CHA390JSLE
Description  GaN Hybrid Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

201CHA390JSLE Datasheet(HTML) 5 Page - Hongfa Technology

  201CHA390JSLE Datasheet HTML 1Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 2Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 3Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 4Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 5Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 6Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 7Page - Hongfa Technology 201CHA390JSLE Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GaN Hybrid Power Amplifier
HT0808-15A
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 8
Version 1.0
Performance Charts
* Bias condition @ Idq1= 50mA, Idq2= 105mA, Ta=25℃
Power Gain vs. Output Power
Efficiency vs. Output Power
30
32
34
36
38
40
30
31
32
33
34
35
Output Power[dBm]
880MHz
10
15
20
25
30
35
30
31
32
33
34
35
Output Power[dBm]
880MHz
ACLR vs. Output Power
Ids1 vs. Output Power
-35
-33
-31
-29
-27
-25
30
31
32
33
34
35
Output Power[dBm]
880MHz
*LTE 10MHz (PAPR=7.5dB) w/o DPD
30
40
50
60
70
80
30
31
32
33
34
35
Output Power[dBm]
880MHz
Ids2 vs. Output Power
100
150
200
250
300
350
30
31
32
33
34
35
Output Power[dBm]
880MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com