Electronic Components Datasheet Search
  English  ▼

X  

4802 Datasheet(PDF) 3 Page - TT Electronics.

Part # 4802
Description  Ideal resistor for precision instrumentation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4802 Datasheet(HTML) 3 Page - TT Electronics.

  4802 Datasheet HTML 1Page - TT Electronics. 4802 Datasheet HTML 2Page - TT Electronics. 4802 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ultra Precision Bulk Metal
Film Resistors
4800 series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
Ordering Procedure
Example: 4812 at 73.2 kilohms and 0.01% tolerance -
4 8 1 2 – 7 3 K 2 L I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
E
0.005%
B
0.1%
L
0.01%
C
0.25%
P
0.02%
D
0.5%
W 0.05%
F
1%
Packing
I
Bag / Box
Standard
4800 Series
Ultra Precision Bulk
Metal Film Resistors
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com