Electronic Components Datasheet Search
  English  ▼

X  

HFE26 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE26
Description  25A, 40A switching capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE26 Datasheet(HTML) 2 Page - Hongfa Technology

  HFE26_17 Datasheet HTML 1Page - Hongfa Technology HFE26_17 Datasheet HTML 2Page - Hongfa Technology HFE26_17 Datasheet HTML 3Page - Hongfa Technology HFE26_17 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
;7C
|
JHG9=4;76 ,,4J,,4L,48
75=; X 75=;
:
:
D
C
9
<
8
;7C
8< 758<
<5=
>5? 75:
;5?
=
9?5> 758<
:
95= 758
:85:
85=
:5? 758
CVMKQJR KULM81
GGG4 Eomnig_l mj_]c[f l_kocl_g_hn
?QR4 Sn[h^[l^
?UYMX4 81 Tb_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Jiha`[5
;@
;4 8 Hilg C 0Ohfs `il ;7C1
I4 8 Hilg E 0Ohfs `il 9<C1
JHG9=
89 4Z
T
4R
4L9
6UTYJKY SJYMWQJR
D4 CaShO9
6UTYJKY WJYQTO
1.4 ;7C 024 9<C
0XXX1
>JTZJR X\QYKP
C
4;76
[n 9:
6@<= 75D5
@B78B<?: <?9@B>5D<@?
D]VM
6UQR [URYJOM
<3 =3 @3 893 8<3 9;3 ;?VFE
6UTYJKY NUWS
CUWY
=/4 Schaf_ ]icf f[n]bcha
=04 Fio\f_ ]icfm f[n]bcha
B4 N_a[ncp_ jif[lcns
?QR4 Pimcncp_ jif[lcns
AURJWQY]
@ED=<?8 7<>8?C<@?C 5?7 F<B<?: 7<5:B5>
UhcnA gg
Oonfch_ Fcg_hmcihm
Ni nbcm n_lgch[f
ni mchaf_ ]icf
=J]UZY UN YPM KUQR VQT
48
/4 Kh j[l[ff_f qcnb nb_ l_f[s/m fiha_l _^a_
04 Kh j[l[ff_f qcnb nb_ l_f[s/m mbiln_l _^a_
0 `il ^_n[cfm jf_[m_ ]b_]e
nb_ ionfch_ ^cg_hmcihm 1
8=5?
9;
<;
@=
8<7
:?;
8<:=
Schaf_ ]icf
f[n]bcha
<
=
@
89
8<
9;
;?
;
;5?
>59
@5=
89
8@59
:?5;
S_n 6 R_m_n
Vifn[a_
VFE
g[r5
Eicf R_mcmn[h]_
r08 87-1
Nigch[f
Vifn[a_
VFE
<7
<7
<7
<7
<7
<7
<7
Pofm_
Fol[ncih
gm
gch5
54 Wcnb g[ho[f mqcn]b
D4 Ni g[ho[f mqcn]b
?5;2?5;
89289
9>29>
;?2;?
><2><
8@928@9
>=?2>=?
Fio\f_ ]icfm
f[n]bcha
<
=
@
89
8<
9;
;?
;
;5?
>59
@5=
89
8@59
:?5;
S_n 6 R_m_n
Vifn[a_
VFE
g[r5
Eicf R_mcmn[h]_
r08 87-1
Nigch[f
Vifn[a_
VFE
<7
<7
<7
<7
<7
<7
<7
Pofm_
Fol[ncih
gm
gch5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com