Electronic Components Datasheet Search
  English  ▼

X  

HF115F-LS Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF115F-LS
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F-LS Datasheet(HTML) 2 Page - Hongfa Technology

  HF115F-LS Datasheet HTML 1Page - Hongfa Technology HF115F-LS Datasheet HTML 2Page - Hongfa Technology HF115F-LS Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8>9
T`h\mfA 80 Li ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji \8hh3 ojg`m\i^` ncjpg_ ]` x759hhB jpogdi` _dh`indji `8hh
\i_ \<hh3 ojg`m\i^` ncjpg_ ]` x75:hhB jpogdi` _dh`indji `<hh3 ojg`m\i^` ncjpg_ ]` x75;hh5
90 Vc` ojg`m\i^` rdocjpo di_d^\odib ajm RFE g\tjpo dn \gr\tn x758hh5
:0 Vc` rd_oc ja oc` bmd__dib dn 95<9hh5
8090
8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
8 ^jdg g\o^cdib/T`n`o Uo\opn0
/Ejoojh qd`r0
2
4
n`o
m`n`o
2
4
9 ^jdgn g\o^cdib/T`n`o Uo\opn0
2
4
4
n`o
m`n`o
4RNO XROVHLK
<3 =3 @3 893 9;XGF
KI88<I4NU 6 89
U
I
4K
:QUWOHVNRQ AVHQJHTJ
71 Fg\nn I
>@56@:=8 :=7>@<2B:>=
BYSK
4RQUVTWIVNRQ
A1 Rg\nod^ n`\g`_
=NO1 Igps kmjja`_
4RQVHIV HTTHQLKPKQV 91 8 Ijmh D
/ZZZ0
>CB;:=6 5:<6=A:>=A+ E:@:=8 5:28@2< 2=5 ?4 3>2@5 ;2G>CB
WidoA hh
Qpogdi` Gdh`indjin
Ydmdib Gd\bm\h
ARTV
;.1 8 ^jdg g\o^cdib
;/1 9 ^jdgn g\o^cdib
N8
=RVKU1 80 Y` m`^jhh`i_ agps kmjja`_ otk`n ajm \ ^g`\i `iqdmjih`io /am`` amjh ^jio\hdi\odjin gdf` K9U3 UQ93PQ93 _pno3 `o^505
Y` npbb`no oj ^cjjn` kg\nod^ n`\g`_ otk`n \i_ q\gd_\o` do di m`\g \kkgd^\odji ajm \i pi^g`\i `iqdmjih`io /rdoc ^jio\hdi\odjin gdf` K9U3
UQ93PQ93 _pno3 `o^505
75<s75<
;475<s75?
9@ 75:
895> 75:
895> 75:
75<s75<
;475<s75?
9@ 75:
90 Fjio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn
ji RFE5
ASKINHO IRJK:0
FFF1 Fpnojh`m nk`^d\g m`lpdm`h`io
=NO1 Uo\i_\m_
:0 Vc` ^pnojh`m nk`^d\g m`lpdm`h`io `skm`nn \n nk`^d\g ^j_` \ao`m `q\gp\odib ]t Kjiba\5 `5b5 /::<0 no\i_n ajm kmj_p^o di \^^jm_\i^` oj
LHF =7::<48 /JYV0[
/Ejoojh qd`r0
8 ^jdg g\o^cdib
9 ^jdgn g\o^cdib
RFE N\tjpo
9758=
95=
<57;
95<9
=4 85:
95=
<57;
95<9
>4 85:
9758=



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com