Electronic Components Datasheet Search
  English  ▼

X  

K44P Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # K44P
Description  K44P Make & Break Load Switching-8 kV Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

K44P Datasheet(HTML) 1 Page - TE Connectivity Ltd

  K44P Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7–66
KILOVAC High Voltage Relays
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
K44P Make & Break Load Switching — 8 kV Relays
Product Specifications
Contact Arrangement —
SPST-Latching
Contact Form — P
Test Voltage, DC or 60 Hz (Peak) —
10 kV
Rated Operating Voltage (Peak) —
DC or 60 Hz — 8 kV
2.5 MHz — 7 kV
16 MHz — 6 kV
32 MHz — 4 kV
Continuous Carry Current, Max. —
DC or 60 Hz — 50 A
2.5 MHz — 40 A
16 MHz — 25 A
32 MHz — 20 A
Coil Hi-Pot (Vrms, 60 Hz) — 500 A
Contact Capacitance —
Between Open Contacts — 2.5 pF
Open Contacts to Ground — 2.8 pF
Contact Resistance, Max. —
0.01 ohm
Operate Time, Max. — 5 ms
Release Time, Max. — N/A
Shock, 11ms, 1/2 Sine (Peak) —
50 g
Vibration —
Peak — 20 g (55 to 2000 Hz)
Operating Ambient Temperature
Range — -55°C to +85°C
Mechanical Life — 1 million cycles
Weight, Nominal —
59.53 g (2.1 oz.)
Coil Data
Volts, Nominal
26.5 Vdc
Latch & Reset, Max.
23 Vdc
Dropout
N/A
Coil Resistance (±10%) 155
Ω
Ratings listed are for 25°C, sea level
conditions
Product Facts
n Single pole, single throw
contacts with latching
actuator
n Vacuum dielectric for power
switching low current loads
n 20 G vibration rating
n Carries 50 Amps at DC
n Space rated versions
available
n Meets requirements of
MIL-R-83725
Ordering Information
Sample Part Number
K44 P3 3 4
Series:
Contact Form:
P = SPST-Latching
Coil Voltage:
3 = 26.5 Vdc, Bus Wire
High Voltage Connections:
3 = Solder Connection
Mounting:
2 = Flanged
4 = Standard
*See page 7-87 for mounting methods.


Similar Part No. - K44P

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K447-247 EICHHOFF-K447-247 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K447-310 EICHHOFF-K447-310 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K447-325 EICHHOFF-K447-325 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K447-327 EICHHOFF-K447-327 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
More results

Similar Description - K44P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV200 ETC-EV200 Datasheet
156Kb / 2P
Make & Break Load Switching
K81C ETC1-K81C Datasheet
291Kb / 1P
Make & Break Load Switching
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
Make & Break Load Switching
H-18 MACOM-H-18 Datasheet
257Kb / 1P
Make & Break Load Switching
H-19 MACOM-H-19 Datasheet
428Kb / 1P
Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
Make & Break Load Switching
H-26 MACOM-H-26 Datasheet
268Kb / 1P
Make & Break Load Switching
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
Make & Break Load Switching
HC-2 MACOM-HC-2 Datasheet
345Kb / 1P
Make & Break Load Switching
logo
TE Connectivity Ltd
PD10 TEC-PD10 Datasheet
185Kb / 1P
PD10 Make & Break Load Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com