Electronic Components Datasheet Search
  English  ▼

X  

PD10 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PD10
Description  PD10 Make & Break Load Switching
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PD10 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PD10 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KILOVAC 28 - 1800 Vdc High Voltage Relays
Product Facts
n Excellent for control
applications
n PCB and panel mountings
n Rugged design for the most
demanding applications,
including seismic shock
n Small size and weight
n Low power consumption
n No heat sinks required
n Vacuum-sealed; can operate
in explosive and harsh
environments
n 2000 V isolation across
open contacts
n Vacuum dielectric for power
switching
Product Specifications
Contact Arrangement —
PD10A — SPST-NO
PD10B — SPST-NC
PD10P*** — SPST-Latching
Contact Form —
PD10A — A**
PD10B — B**
PD10P*** — P**
Rated Resistive Load @ 320 Vdc —
10 A
Continuous Current Carry, Max.
@ 85°C —
PD10A and PD10B — 25 A
PD10P*** — 30 A
Overload @ 320 Vdc,
(Make/Break) — 20 A
Life, (Mechanical/Rated Load) —
PD10A and PD10B —
500k cycles/10k cycles
PD10P*** — 7,000 cycles
Contact Resistance, Max.,
End of Life —
PD10A and PD10B — 0.030 ohm
PD10P*** — 0.030 ohm
Dielectric at Sea Level —
Power Terminals to Coil and
All Other Points —
PD10A and PD10B — 1,800 Vrms
PD10P*** — 2,000 Vrms
Shock, 11ms, 1/2 Sine (Peak) —
25 g
Vibration, Sinusoidal
(55-2000 Hz, Peak) — 5 g
Operating Ambient Temperature
Range —
PD10A and PD10B — -40°C to +85°C
PD10P*** — -35°C to +65°C
Operate Time, Max., Including
Bounce @ 25°C —
PD10A and PD10B — 10 ms
PD10P*** — 6 ms
Release Time, Max., Including
Bounce @ 25°C —
PD10A and PD10B — 10 ms
PD10P*** — 6 ms
Insulation Resistance @ 500 Vdc,
Min. —
Initial/End of Life — 100 mohm/50 mohm
Weight, Nominal —
71 g (.156 lb)
Notes:
**Contact TE for availability of other
contact forms
***Not available in package shown,
package is the same as the K41P.
Ordering Information
Sample Part Number
PD10 AA 5 7
Series:
Contact Form:
A = SPST-NO
B = SPST-NC
P = SPST-Latching
Coil Voltage:
2 = 12 Vdc, PCB Version
3 = 24 Vdc, PCB Version
5 = 125 Vdc, PCB Version
A = 12 Vdc, Panel Mount Version
B = 24 Vdc, Panel Mount Version
C = 125 Vdc, Panel Mount Version
Power Terminals:
3 = PCB Solder Connection
5 = Stud Terminal, Panel Mount
Mounting:
5 = PCB Mount
7 = Panel Mount
Coil Data
Nominal Volts DC
12 Vdc
24 Vdc
125 Vdc
Max. Coil Voltage
14 Vdc
28 Vdc
130 Vdc
Pickup, Max. @ 85°C
8 Vdc
16 Vdc
80 Vdc
Hold, Min. @ 85°C
3.3 Vdc
10 Vdc
33 Vdc
Dropout, Min. @ -40°C
.5 Vdc
1 Vdc
5 Vdc
Coil Resistance (±10%)
70
Ω
290
Ω
4700
Ω
Ratings listed are for 25°C, sea level conditions
Contact Ratings*
*Based on extrapolated data. Since each application is unique, user is encour-
aged to verify rating in actual application. The load terminals should always be
connected as follows: Common Contact (A2) positive; Other Contact negative.
Panel mount version shown above is
applicable to both PD5 and PD10.
For PD10, the two power terminals
are .064" (1.63) diameter. Refer to
PD5 for PCB mount dimensions.
PD10 Make & Break Load Switching
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
7–56
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - PD10

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD10 EDI-PD10 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
LUMEL S.A.
PD10 LUMEL-PD10 Datasheet
471Kb / 2P
converter of usb/rs-485 interfaces
PD10 00M0 LUMEL-PD10 00M0 Datasheet
471Kb / 2P
converter of usb/rs-485 interfaces
logo
Tyco Electronics
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
Two-Way Power Divider 10 - 500 MHz
PD10-0041-S MACOM-PD10-0041-S Datasheet
14Kb / 1P
Two-Way In-Phase Power Divider 0.4 - 400 MHz
More results

Similar Description - PD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV200 ETC-EV200 Datasheet
156Kb / 2P
Make & Break Load Switching
K81C ETC1-K81C Datasheet
291Kb / 1P
Make & Break Load Switching
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
Make & Break Load Switching
H-18 MACOM-H-18 Datasheet
257Kb / 1P
Make & Break Load Switching
H-19 MACOM-H-19 Datasheet
428Kb / 1P
Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
Make & Break Load Switching
H-26 MACOM-H-26 Datasheet
268Kb / 1P
Make & Break Load Switching
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
Make & Break Load Switching
HC-2 MACOM-HC-2 Datasheet
345Kb / 1P
Make & Break Load Switching
logo
TE Connectivity Ltd
K44P TEC-K44P Datasheet
121Kb / 1P
K44P Make & Break Load Switching-8 kV Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com