Electronic Components Datasheet Search
  English  ▼

X  

LM4842MT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4842MT
Description  Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4842MT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4842MT Datasheet HTML 1Page - National Semiconductor (TI) LM4842MT Datasheet HTML 2Page - National Semiconductor (TI) LM4842MT Datasheet HTML 3Page - National Semiconductor (TI) LM4842MT Datasheet HTML 4Page - National Semiconductor (TI) LM4842MT Datasheet HTML 5Page - National Semiconductor (TI) LM4842MT Datasheet HTML 6Page - National Semiconductor (TI) LM4842MT Datasheet HTML 7Page - National Semiconductor (TI) LM4842MT Datasheet HTML 8Page - National Semiconductor (TI) LM4842MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
-65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 11)
Internally limited
ESD Susceptibility (Note 12)
All pins except Pin 28
2500V
Pin 28
6500V
ESD Susceptibility (Note 13)
200V
Junction Temperature
150˚C
Soldering Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
θ
JC (typ) — LQA028A
3˚C/W
θ
JA (typ) — LQA028A
42˚C/W
θ
JC (typ) — MTC28
20˚C/W
θ
JA (typ) — MTC28
80˚C/W
θ
JC (typ) — MXA28A
2˚C/W
θ
JA (typ) — MXA28A (exposed
DAP) (Note 4)
41˚C/W
θ
JA (typ) — MXA28A (exposed
DAP) (Note 3)
54˚C/W
θ
JA (typ) — MXA28A (exposed
DAP) (Note 5)
59˚C/W
θ
JA (typ) — MXA28A (exposed
DAP) (Note 6)
93˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤T
MAX
−40˚C
≤TA ≤ 85˚C
Supply Voltage
2.7V
≤ V
DD
≤ 5.5V
Electrical Characteristics for Entire IC (Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4842
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A
15
30
mA (max)
I
SD
Shutdown Current
V
Shutdown = GND
0.7
2.0
µA (max)
V
IH
VIN High on all Logic Inputs
0.8 x V
DD
V (min)
V
IL
VIN Low on all Logic Inputs
0.2 x V
DD
V (max)
TH
um
Un-Mute Threshold Voltage
V
Shutdown =VDD,
Gain 1st Stage = 1
22
10
40
mV
RMS
mV
RMS
Electrical Characteristics for Volume Attenuators (Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4842
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
C
RANGE
Attenuator Range
Gain with V
DCVol = 5.0V, No Load
±0.75
dB (max)
C
RANGE
Attenuator Range
Attenuation with V
DCVol = 0V (BM &
SE)
-75
dB (min)
A
M
Mute Attenuation
V
mute = 5V, Bridged Mode (BM)
-78
dB (min)
V
mute = 5V, Single-Ended Mode (SE)
-78
dB (min)
Electrical Characteristics for Single-Ended Mode Operation (Notes 7, 10)
The following specifications apply for V
DD = 5V and TA = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4842
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
P
O
Output Power
THD+N = 1.0%; f = 1kHz; R
L =32
Ω
85
mW
THD+N = 10%;f=1 kHz; R
L =32
Ω
95
mW
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com