Electronic Components Datasheet Search
  English  ▼

X  

174642 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 174642
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174642 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 174642 Datasheet HTML 2Page - Tyco Electronics 174642 Datasheet HTML 3Page - Tyco Electronics 174642 Datasheet HTML 4Page - Tyco Electronics 174642 Datasheet HTML 5Page - Tyco Electronics 174642 Datasheet HTML 6Page - Tyco Electronics 174642 Datasheet HTML 7Page - Tyco Electronics 174642 Datasheet HTML 8Page - Tyco Electronics 174642 Datasheet HTML 9Page - Tyco Electronics 174642 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Product Specification
108-5246
Rev. L
6 of 21
項目
試験項目
規
格
値
試
験
方
法
Para.
Test
Items
Requirements
Procedures
3.5.9
耐寒性
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
嵌合したコネクタを-40±3°Cの試
験環境下に 500 時間さらすこと
3.5.9
Resistance to Cold
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Subject mated connectors to cold
resistivity at-40±3°C for 500
hours.
3.5.10
塩水噴霧
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
嵌合したコネクタを 35°C,5 %の塩
水噴霧に48時間さらすこと。。
MIL-STD-202、試験法101、条件B
3.5.10
Salt Spray
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Subject mated to 35°C, 5 % salt
concentration for 48 hours.
MIL-STD-202,METHOD 101,
Condition B.
3.5.11
耐アンモニア性
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
嵌合したコネクタを室温で28%のア
ンモニア水400gを入ったデシケー
タ中に40分間放置し試験する。
3.5.11
Ammonia Gas Resistivity
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Subject mated connectors to the
ammonia gas atmosphere, which is
generated from 400g of 28%
ammonia solutioin in the
desiccator in the closed chamber
for 40 minutes.
Temperature in the
desiccator :room tempeature
3.5.12
耐SO
2性
総合抵抗(ローレベル)
20 mΩ 最大(試験後)
外観で異常のないこ
嵌合したコネクタをSO
2ガス濃度
10±3ppm,湿度95 % 以上試験環境下
に96 時間さらすこと。
3.5.12
Sulfurous Acid Gas
Resistivity
Termination Resistance
(Low level)(Final)
20 mΩ Max.
Test samples shall shown no
evidence of abnormalitites in
appearance.
Subject mated connectors to
sulfurous acid gas resistivity at
10±3 ppm SO
2 concentration at
95 % R.H.min.for 96 hours
機械的性能
Physical Requirements
3.5.13
コンタクト保持力
4.9 N(0.5 kgf) 以上
コンタクト引抜力を軸方向に加え
ること。
3.5.13
Contact Retention Force
4.9 N(0.5 kgf) Min.
Apply an axial pull-off load to
contact.
Fig.2 (続き)
Fig.2(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com