Electronic Components Datasheet Search
  English  ▼

X  

174643 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 174643
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174643 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 174643 Datasheet HTML 4Page - Tyco Electronics 174643 Datasheet HTML 5Page - Tyco Electronics 174643 Datasheet HTML 6Page - Tyco Electronics 174643 Datasheet HTML 7Page - Tyco Electronics 174643 Datasheet HTML 8Page - Tyco Electronics 174643 Datasheet HTML 9Page - Tyco Electronics 174643 Datasheet HTML 10Page - Tyco Electronics 174643 Datasheet HTML 11Page - Tyco Electronics 174643 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Product Specification
108-5246
Rev. L
8 of 21
項目
試験項目
規
格
値
試
験
方
法
Para.
Test
Items
Requirements
Procedures
3.5.17
微加振動
(ハンマー衝撃)
加振中 1μsecをこえる不連続
導通を生じないこと。
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
嵌合したコネクタをFig.8に示す
条件で10000回加振し、Fig.9に示
す測定回路により印加電圧 DC
10V,1mAの試験電流を通電させた
状態で試験を行い、加振中の抵抗
の変動をモニターする。
尚、嵌合後のコネクタはFig.7に
示す様に固定して行う。
3.5.17
Hammerring Shocks
No electrical discontinuity
greater than 1μsec.shall
occur.
Termination resistance
(low level)(Final)
20 mΩ Max.
Subject mated connectors on PCB
as shown in Fig.7,Under 10000
cycles of repeated hammering
shocks of the condition as
shown in Fig.8,with the test
current of 1mA at 10VDC applied
to the circuit as shown in
Fig.9.During the test, the
circuit shall be monitored for
fluctuation of electrical
resistance.
The clamping manner shall be in
accordance with
Fig.7 after
mating the connectors.
3.5.18
衝撃
衝撃により1 μsec. を越える
不連続導通を生じないこと。
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
嵌合したコネクタに11m秒間に
50Gの正弦波を生じるような衝撃
を直交する三方向軸の正負方向
に3回まで合計18回与えること
MIL-STD-202、験法213,条件A
尚、嵌合後のコネクタはFig.7に
示す様に固定して行う。
Fig.2 (続き)
Fig.2(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com