Electronic Components Datasheet Search
  English  ▼

X  

LM7815CT Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7815CT
Description  Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7815CT Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7815CT Datasheet HTML 3Page - National Semiconductor (TI) LM7815CT Datasheet HTML 4Page - National Semiconductor (TI) LM7815CT Datasheet HTML 5Page - National Semiconductor (TI) LM7815CT Datasheet HTML 6Page - National Semiconductor (TI) LM7815CT Datasheet HTML 7Page - National Semiconductor (TI) LM7815CT Datasheet HTML 8Page - National Semiconductor (TI) LM7815CT Datasheet HTML 9Page - National Semiconductor (TI) LM7815CT Datasheet HTML 10Page - National Semiconductor (TI) LM7815CT Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics (Continued)
Equivalent Schematic
Application Hints
The LM340/LM78XX series is designed with thermal protec-
tion, output short-circuit protection and output transistor safe
area protection. However, as with
any IC regulator, it be-
comes necessary to take precautions to assure that the
regulator is not inadvertently damaged. The following de-
scribes possible misapplications and methods to prevent
damage to the regulator.
Shorting the Regulator Input: When using large capacitors
at the output of these regulators, a protection diode con-
nected input to output (
Figure 1) may be required if the input
is shorted to ground. Without the protection diode, an input
short will cause the input to rapidly approach ground poten-
tial, while the output remains near the initial V
OUTbecause of
the stored charge in the large output capacitor. The capacitor
will then discharge through a large internal input to output di-
ode and parasitic transistors. If the energy released by the
capacitor is large enough, this diode, low current metal and
the regulator will be destroyed. The fast diode in
Figure 1 will
shunt most of the capacitors discharge current around the
regulator. Generally no protection diode is required for val-
ues of output capacitance
≤ 10 µF.
Raising the Output Voltage above the Input Voltage:
Since the output of the device does not sink current, forcing
Line Regulation
140AK-5.0, I
OUT = 1A, TA = 25˚C
DS007781-5
Line Regulation
140AK-5.0, V
IN = 10V, TA = 25˚C
DS007781-6
DS007781-7
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com