Electronic Components Datasheet Search
  English  ▼

X  

M3731 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M3731
Description  4 SIRENS & MACHINE GUN 2 LEDS BLINKING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M3731 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M3731 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3731 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4 SIRENS & MACHINE GUN
2 LEDS BLINKING
帶燈 4 種警報聲 IC
2/2
2001-09-07
SIREN
M3731
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
HORN
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
•(B) M3731-2/M3731-3
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
M3731-2/-3P
L2
L1
K2
K1
BZ
MOTOR
VDD
Y
X
VSS
PS
K4
K3
VDD
VSS
BZ
M3731-2/-3
底
底
底
底=VDD
1.8 x 1.5mm
2
K1
K2
K3
K4
PS
LH
Y
X
L1
L2
Rosc
VDD
VDD
MOTOR
VDD
VDD
VDD
M
1
18
9
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com