Electronic Components Datasheet Search
  English  ▼

X  

M18110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M18110
Description  8 LEDS FLASH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M18110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M18110 Datasheet HTML 1Page - List of Unclassifed Manufacturers M18110 Datasheet HTML 2Page - List of Unclassifed Manufacturers M18110 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8 LEDS FLASH
8 LEDS 来电显示控制 IC
2/3
2002-09-27
LED FLASH
M18110
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
( B ) External
B ) External
B ) External
B ) External Rosc.
Rosc.
Rosc.
Rosc.
* VDD、VDD1、VSS & VSS1 must bonding together.
*All specs and applications shown above subject to change without prior notice.
( 以上电路及规格仅供参考,本公司得径行修正 )
VSS1
VSS1
VSS1
VSS1
ANT
ANT
ANT
ANT
1S106
1S106
1S106
1S106
VN
VN
VN
VN
MODE
MODE
MODE
MODE
MOTOR
MOTOR
MOTOR
MOTOR
VSS
VSS
VSS
VSS
L1
L1
L1
L1
L2
L2
L2
L2
L3
L3
L3
L3
L4
L4
L4
L4
L5
L5
L5
L5
L6
L6
L6
L6
VDD
VDD
VDD
VDD
OSCO
OSCO
OSCO
OSCO
OSCI
OSCI
OSCI
OSCI
104
104
104
104
VDD
VDD
VDD
VDD
ON
ON
ON
ON
M18110
M18110
M18110
M18110
底
底
底
底=VSS
=VSS
=VSS
=VSS
1.92 x 1.50 mm
1.92 x 1.50 mm
1.92 x 1.50 mm
1.92 x 1.50 mm
2
2
2
2
L7
L7
L7
L7
L8
L8
L8
L8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com