Electronic Components Datasheet Search
  English  ▼

X  

CC1 Datasheet(PDF) 3 Page - TT Electronics.

Part # CC1
Description  Hot moulded carbon composition
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CC1 Datasheet(HTML) 3 Page - TT Electronics.

  CC1 Datasheet HTML 1Page - TT Electronics. CC1 Datasheet HTML 2Page - TT Electronics. CC1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Carbon Composition Resistors
CC Series
Packaging
Partsaresuppliedasstandardloosepackedinboxes.Quantityperbox:2400(CC1)&1200(CC2).CC1canbesuppliedbyspecialrequest
tapepackedasshownandonareel.Quantityperreel:960.
Ordering Procedure
Example:CC1at6.8kilohmsand10%toleranceinabulkpackboxof2400pieces-
C C 1- 6K8
K
B24
Value(useIEC62code)
Tolerance(useIEC62code)
Packing
B24
Bulk
CC1
2400/box
Standard
B12
CC2
1200/box
T096
Tape
CC1
960/reel
Non-Standard
K
10%
M
20%
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com