Electronic Components Datasheet Search
  English  ▼

X  

CDR02 Datasheet(PDF) 1 Page - TT Electronics.

Part # CDR02
Description  Robust terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CDR02 Datasheet(HTML) 1 Page - TT Electronics.

  CDR02 Datasheet HTML 1Page - TT Electronics. CDR02 Datasheet HTML 2Page - TT Electronics. CDR02 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDR01
CDR02
CDR03
CDR04
CDR05
CDR06
Power rating at 70°C (in air)
watts
0.63
1
1.75
2.5
3.75
5
Power rating at 70°C (in dielectric fluid)
watts
1.25
2
3.5
5
7.5
10
Limiting element voltage
not applicable 1
Overload power (90s at 25°C in dielectric fluid)
watts
20
30
50
75
100
150
Overload voltage (90s in dielectric fluid)
kV 2
6
6
10
10
20
20
Resistance range
ohms
100K to 10M
Resistance tolerance
%
10
Values
E6 preferred
Ambient temperature range
°C
-55 to 155
Dimensions (mm) and weight (g)
Type
L
±1
H
±1
W
±0.5
D Ø
±0.05
P 1
±1.0
F
±5
Weight
CDR01
25.4
12.7
2.25
0.8
20.3
50
2
CDR02
25.4
12.7
2.75
0.8
20.3
50
2.5
CDR03
33.9
20.33
2.25
0.8
30.5
60
3.5
CDR04
33.9
20.33
2.75
0.8
30.5
60
5
CDR05
50.8
25.4
2.25
0.8
45.7
60
5.8
CDR06
50.8
25.4
2.75
0.8
45.7
60
8.2
Capacitor Discharge Resistors
CDR Series
Excellent reliability
Suitableforimmersionincapacitordielectricfluid
Voltageratingsupto20kV
Excellent overload capability
Robustterminations
Resistancevaluesupto10M
RoHS compliant
Electrical Data
Physical Data
Note 1: No LEV applies to CDR; the maximum operating voltage (dc or ac rms) is given by √(Pr.R), where Pr is the relevant power rating for air or fluid and
R is the resistance value.
Note 2: Overload voltages are dc or ac peak values.
Note 1: Termination pitch dimension P is measured between the lead centres at 1mm from the resistor body.
L
H
W
DØ
P
F
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)


Similar Part No. - CDR02

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR02 KEMET-CDR02 Datasheet
1Mb / 10P
CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR02 AVX-CDR02 Datasheet
44Kb / 2P
MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Continental Device Indi...
CDR02 CDIL-CDR02 Datasheet
128Kb / 2P
Thyristor Series
logo
TT Electronics.
CDR02 TTELEC-CDR02 Datasheet
346Kb / 3P
Capacitor Discharge Resistors
logo
Kemet Corporation
CDR02BP101ABSM KEMET-CDR02BP101ABSM Datasheet
975Kb / 10P
CERAMIC CHIP/MIL-PRF-55681
More results

Similar Description - CDR02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2001-6151-02 MACOM-2001-6151-02 Datasheet
168Kb / 1P
SMA Terminations
logo
Anaren Microwave
RFP-10-50TV ANAREN-RFP-10-50TV Datasheet
506Kb / 2P
Flanged Terminations
RFP-20-50TP ANAREN-RFP-20-50TP Datasheet
503Kb / 2P
Flanged Terminations
RFP-20-50TPR ANAREN-RFP-20-50TPR Datasheet
494Kb / 2P
Flanged Terminations
RFP-60-50TP ANAREN-RFP-60-50TP Datasheet
501Kb / 2P
Flanged Terminations
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
Flanged Terminations
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
Chip Terminations
400-50T ANAREN-400-50T Datasheet
504Kb / 2P
Flanged Terminations
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
Chip Terminations
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com