Electronic Components Datasheet Search
  English  ▼

X  

CDR05 Datasheet(PDF) 2 Page - TT Electronics.

Part # CDR05
Description  Robust terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CDR05 Datasheet(HTML) 2 Page - TT Electronics.

  CDR05 Datasheet HTML 1Page - TT Electronics. CDR05 Datasheet HTML 2Page - TT Electronics. CDR05 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitor Discharge Resistors
CDR Series
Overload Performance
Construction
CDR is a high voltage planar style resistor. Pd/Ag terminations are printed and fired onto the front face of a 96% alumina substrate. A resistor material is
printed with a high voltage design between the terminations and after firing gives an excellent high voltage performance. This is then laser adjusted to
target value before being coated in a glass material. Hot tin dipped copper wire terminations are then fitted using Sn/Ag/Cu solder. The product is 100%
measured for resistance value. It is cleaned of all flux residues and ionic contamination in order to ensure compatibility with capacitor dielectric fluid
applications.
Marking
Type and resistance value are legend marked on the front of the component.
Termination Lead Pull Strength
Each termination lead shall withstand a tensile load of 1kg at an angle of 90° to the plane of the resistor, with no mechanical failure admitted, such as
breaking of the resistor substrate or shearing of the termination lead wire or solder.
Solderability
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
CDR01
CDR02
CDR03
CDR04
CDR05
CDR06
Performance Data
Requirement
Typical
Load at rated power in air (1000 hours at 70°C)
ΔR%
≤1
<0.25
Load at rated power in fluid (1000 hours at 70°C)
ΔR%
≤1
<0.25
Derating from power at 70°C
Zero at 155°C
Vibration (9-200Hz @ 5mm / 50ms-2, 10 sweeps @ 1 octave / min, 3 axes)
ΔR%
≤1
<0.25
Termination pull strength (applied at 90° to plane of body, no damage visible)
kg
≥1
>4
Overload in dielectric fluid (90s at 25°C, see Overload Ratings graph)
ΔR%
≤0.5
<0.1
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com