Electronic Components Datasheet Search
  English  ▼

X  

MAX1165ACUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 10Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 11Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 12Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
9
Track and Hold (T/H)
In track mode, the analog signal is acquired on the inter-
nal hold capacitor. In hold mode, the T/H switches open
and the capacitive DAC samples the analog input.
During the acquisition, the analog input (AIN) charges
capacitor CDAC. The acquisition ends on the second
falling edge of CS. At this instant, the T/H switches
open. The retained charge on CDAC represents a sam-
ple of the input.
In hold mode, the capacitive DAC adjusts during the
remainder of the conversion time to restore node ZERO
to zero within the limits of 16-bit resolution. Force CS low
to put valid data on the bus at the end of the conversion.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time
(tACQ) is the maximum time the device takes to acquire
the signal. Use the following formula to calculate acqui-
sition time:
tACQ = 11 (RS + RIN) ✕ 35pF
where RIN = 800
Ω, RS = the input signal’s source
impedance, and tACQ is never less than 1.1µs. A
source impedance less than 1k
Ω does not significantly
affect the ADC’s performance.
To improve the input signal bandwidth under AC condi-
tions, drive AIN with a wideband buffer (>4MHz) that
can drive the ADC’s input capacitance and settle
quickly.
Power-Down Modes
Select standby mode or shutdown mode with the R/C
bit during the second falling edge of CS (see the
Selecting Standby or Shutdown Mode section). The
MAX1165/MAX1166 automatically enter either standby
mode (reference and buffer on) or shutdown (reference
and buffer off) after each conversion depending on the
status of R/C during the second falling edge of CS.
Internal Clock
The MAX1165/MAX1166 generate an internal conver-
sion clock. This frees the microprocessor from the bur-
den of running the SAR conversion clock. Total
conversion time after entering hold mode (second
falling edge of CS) to end of conversion (EOC) falling is
4.7µs (max).
Applications Information
Starting a Conversion
CS and R/C control acquisition and conversion in the
MAX1165/MAX1166 (Figure 2). The first falling edge of
CS powers up the device and puts it in acquire mode if
R/C is low. The convert start is ignored if R/C is high.
The MAX1165/MAX1166 need at least 10ms
(CREFADJ = 0.1µF, CREF = 4.7µF) for the internal refer-
ence to wake up and settle before starting the conver-
sion if powering up from shutdown. The ADC can wake
up, from shutdown, to an unknown state. Put the ADC
in a known state by completing one “dummy” conver-
sion. The MAX1165/MAX1166 are in a known state,
ready for actual data acquisition, after the completion
of the dummy conversion. A dummy conversion con-
sists of one full conversion cycle.
The MAX1165 provides an alternative reset function to
reset the device (see the RESET section).
MAX1166
0.1
µF
+5V ANALOG
+5V DIGITAL
0.1
µF
ANALOG INPUT
AIN
AVDD
DVDD
R/C
CS
EOC
REF
D0–D7
OR
D8–D15
REFADJ
HBEN
AGND
DGND
0.1
µF
4.7
µF
µP DATA
BUS
HIGH
BYTE
LOW
BYTE
Figure 3. Typical Application Circuit for the MAX1166
AIN
REF
AGND
ZERO
AUTOZERO
RAIL
TRACK
TRACK
HOLD
HOLD
CSWITCH
3pF
CAPACITIVE DAC
CDAC = 32pF
RIN
800
Ω
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com