Electronic Components Datasheet Search
  English  ▼

X  

C.93 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C.93
Description  ALUMINIUM CASE CAPACITORS P.F.C. an d FILTER APPLICATIONS SAFETY DEVICE (FPU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C.93 Datasheet(HTML) 2 Page - Kemet Corporation

  C.93 Datasheet HTML 1Page - Kemet Corporation C.93 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46
C.93
MKP Series
ALUMINIUM CASE CAPACITORS
P.F.C. ANd FILTER APPLICATIONS
SAFETY dEVICE (FPU)
Code
C
Un
U
RMS
I
RMS
I
PKR
Case
Style
µF
Vdc
Vac
A
A
d
H
P
C930ZG35500ZA0X
50
400
320
4.5
1250
60
98
18.8
1
C930ZG35700ZA0X
70
400
320
9.1
1750
60
98
18.8
1
C930ZG36100ZA0X
100
400
320
13.0
2500
60
133
18.8
1
C931ZG35100ZA0X
10
600
415
1.7
250
40
78
13.4
1
C931ZG35300ZA0X
30
600
415
5.0
750
60
98
18.8
1
C931ZG35470ZA0X
47
600
415
8.5
1250
60
98
18.8
1
C931ZG35600ZA0X
60
600
415
10.1
1500
60
133
18.8
1
C931ZG35830ZA0X
83
600
415
13.5
2000
60
133
15.0
2
C931ZG36100ZA0X
100
600
415
16.9
2500
75
150
15.0
2
U
RMS
Vac
Test Voltage
Vac (2s)
U
RMS max
Vac
320
640
375
415
830
460
TEST VOLTAGE TABLE
P
Ø D±0.5
6.3
M12
Ø D±0.5
M12
P
6.3
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com