Electronic Components Datasheet Search
  English  ▼

X  

MAX1165AEUI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1165AEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165AEUI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1165AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 13Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 14Page - Maxim Integrated Products MAX1165AEUI Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards. Do
not run analog and digital lines parallel to each other,
and do not lay out digital signal paths underneath the
ADC package. Use separate analog and digital ground
planes with only one point connecting the two ground
systems (analog and digital) as close to the device as
possible.
Route digital signals far away from sensitive analog and
reference inputs. If digital lines must cross analog lines,
do so at right angles to minimize coupling digital noise
onto the analog lines. If the analog and digital sections
share the same supply, then isolate the digital and ana-
log supply by connecting them with a low-value (10
Ω)
resistor or ferrite bead.
The ADC is sensitive to high-frequency noise on the
AVDD supply. Bypass AVDD to AGND with a 0.1µF
capacitor in parallel with a 1µF to 10µF low-ESR capaci-
tor with the smallest capacitor closest to the device.
Keep capacitor leads short to minimize stray inductance.
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values
on an actual transfer function from a straight line. This
straight line can be either a best-straight-line fit or a line
drawn between the end points of the transfer function,
once offset and gain errors have been nullified. The
static linearity parameters for the MAX1165/MAX1166
are measured using the end-point method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1 LSB. A
DNL error specification of ±1 LSB guarantees no miss-
ing codes and a monotonic transfer function.
Aperture Jitter and Delay
Aperture jitter is the sample-to-sample variation in the
time between samples. Aperture delay is the time
between the rising edge of the sampling clock and the
instant when the actual sample is taken.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital
samples, signal-to-noise ratio (SNR) is the ratio of the
full-scale analog input (RMS value) to the RMS quanti-
zation error (residual error). The ideal, theoretical mini-
mum analog-to-digital noise is caused by quantization
noise error only and results directly from the ADC’s res-
olution (N bits):
SNR = (6.02 ✕ N + 1.76)dB
where N = 16 bits.
In reality, there are other noise sources besides quanti-
zation noise: thermal noise, reference noise, clock jitter,
etc. SNR is computed by taking the ratio of the RMS
signal to the RMS noise, which includes all spectral
components minus the fundamental, the first five har-
monics, and the DC offset.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to the
RMS equivalent of all the other ADC output signals:
Effective Number of Bits
Effective number of bits (ENOB) indicates the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC’s error consists of quanti-
zation noise only. With an input range equal to the full-
scale range of the ADC, calculate the effective number
of bits as follows:
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the first five harmonics of the input signal to the
fundamental itself. This is expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next largest fre-
quency component.
THD
VVV
V
V
=×
++
+


20
2
2
3
2
4
2
5
2
1
log
ENOB
SINAD
=
− 176
602
.
.
SINAD dB
Signal
Noise Distortion
RMS
RMS
(
)
log
()
=×
+
20
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
12
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com