Electronic Components Datasheet Search
  English  ▼

X  

MAX1165CEUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1165CEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165CEUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1165CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX1165/MAX1166 16-bit, low-power, successive-
approximation analog-to-digital converters (ADCs) fea-
ture automatic power-down, factory-trimmed internal
clock, and a 16-bit wide (MAX1165) or byte wide
(MAX1166) parallel interface. The devices operate from
a single +4.75V to +5.25V analog supply and a +2.7V
to +5.25V digital supply.
The MAX1165/MAX1166 use an internal 4.096V refer-
ence or an external reference. The MAX1165/MAX1166
consume only 1.8mA at a sampling rate of 165ksps with
external reference and 2.7mA with internal reference.
AutoShutdown™ reduces supply current to 0.1mA at
10ksps.
The MAX1165/MAX1166 are ideal for high-perfor-
mance, battery-powered, data-acquisition applications.
Excellent dynamic performance and low power con-
sumption in a small package make the MAX1165/
MAX1166 ideal for circuits with demanding power con-
sumption and space requirements.
The 16-bit wide MAX1165 is available in a 28-pin
TSSOP package and the byte wide MAX1166 is avail-
able in a 20-pin TSSOP package. Both devices are
available in either the 0°C to +70°C commercial, or the
-40°C to +85°C extended temperature range.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Applications
Temperature Sensor/Monitor
Industrial Process Control
I/O Boards
Data-Acquisition Systems
Cable/Harness Tester
Accelerometer Measurements
Digital Signal Processing
Features
o 16-Bit Wide (MAX1165) and Byte Wide (MAX1166)
Parallel Interface
o High Speed: 165ksps Sample Rate
o Accurate: ±2LSB INL, 16 Bit No Missing Codes
o 4.096V, 35ppm/°C Internal Reference
o External Reference Range: +3.8V to +5.25V
o Single +4.75V to +5.25V Analog Supply Voltage
o +2.7V to +5.25V Digital Supply Voltage
o Low Supply Current
1.8mA (External Reference)
2.7mA (Internal Reference)
0.1µA (10ksps, External Reference)
o Small Footprint
28-Pin TSSOP Package (16-Bit Wide)
20-Pin TSSOP Package (Byte Wide)
Low-Power, 16-Bit Analog-to-Digital Converters
with Parallel Interface
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX1165
0.1
µF
0.1
µF
+5V ANALOG
+5V DIGITAL
ANALOG INPUT
AIN
R/C
CS
EOC
REF
D0–D15
REFADJ
RESET
AGND
DGND
0.1
µF
4.7
µF
µP DATA
BUS
AVDD
DVDD
Typical Operating Circuit
19-2551; Rev 0; 6/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
Functional Diagram appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
INL
MAX1165ACUI*
0°C to +70°C
28 TSSOP
±2
MAX1165BCUI
0°C to +70°C
28 TSSOP
±2
MAX1165CCUI
0°C to +70°C
28 TSSOP
±4
MAX1165AEUI*
-40°C to +85°C
28 TSSOP
±2
MAX1165BEUI*
-40°C to +85°C
28 TSSOP
±2
MAX1165CEUI*
-40°C to +85°C
28 TSSOP
±4
*Future product—contact factory for availability.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX1165CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1165CEUI MAXIM-MAX1165CEUI Datasheet
182Kb / 15P
Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
More results

Similar Description - MAX1165CEUI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Texas Instruments
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Maxim Integrated Produc...
MAX1065 MAXIM-MAX1065 Datasheet
321Kb / 14P
Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 0; 4/02
MAX1165 MAXIM-MAX1165 Datasheet
182Kb / 15P
Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com