Electronic Components Datasheet Search
  English  ▼

X  

408-10210 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 408-10210
Description  The die assemblies consist of stationary dies and moving dies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-10210 Datasheet(HTML) 2 Page - Tyco Electronics

  408-10210 Datasheet HTML 1Page - Tyco Electronics 408-10210 Datasheet HTML 2Page - Tyco Electronics 408-10210 Datasheet HTML 3Page - Tyco Electronics 408-10210 Datasheet HTML 4Page - Tyco Electronics 408-10210 Datasheet HTML 5Page - Tyco Electronics 408-10210 Datasheet HTML 6Page - Tyco Electronics 408-10210 Datasheet HTML 7Page - Tyco Electronics 408-10210 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
408-10210
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
Rev A
2 of 8
Tyco Electronics Corporation
3. Release the button and rock the die back and
forth until the nest snaps into position.
4. Activate the power unit until the lower die
release button located in the ram is exposed.
5. Depress the release button.
6. Slide the indenter into position in the ram. See
Figure 2.
7. Release the button and rock the indenter back
and forth until the die snaps into position.
8. Return ram to the down position.
2.2. Die Removal
1. Actuate the upper release button located in the
“C”–head or closed head and slide the nest out of
the head.
2. Activate the power unit until the lower die
release button (located in the ram) is exposed.
3. Depress the die release button and slide the
indenter out of the ram.
2.3. Wire, Terminal, and Splice Selection (Figure 3)
Refer to the table in Figure 3 and select the
appropriate wire, die assembly, and terminal or splice.
Strip the wire to the length indicated in the table.
DO NOT nick or cut the wire strands.
For aluminum-to-aluminum application, butt
splices will accept the same wire size at either
end. However, for aluminum-to-copper
applications, the size of the copper wire must be
decreased to a smaller size to compensate for
differences in the electrical properties of copper
and aluminum. It is also necessary to use a
smaller wire size when using copper wire in a
terminal. Refer to CMA range listed with each
wire size in Figure 3.
Wire Strip Lengths
+1.59 mm [+1/16 in.]
Butt Splice (BS)
Ring-Tongue Terminal
(RT) Single Hole
B" Equals Wire Barrel
C" Equals Insulation Barrel
Blue Ink Ring
A"
D"
D"
C"
B"
C"
B"
Copper
Side
Transitional Butt
Splice (TS)
4 Layers of
Insulation
Aluminum
Side
C"
B"
C"
B"
Ring-Tongue Terminal
(RT) Two Hole
1 or 2 Layers
of Insulation
2 Layers of
Insulation
TERMINALS (RT)
BUTT
ALUMINUM
COPPER
STRIP LENGTH
SINGLE
HOLE
DOUBLE
HOLE
BUTT
SPLICES
(BS)
mm2
and
(CMA)F
AWG
Y
mm2
and
(CMA)F
AWG
J
A
INSUL
D
COND
DIE SET
NUMBER
HEAD
NUMBER
277147-[ ]
---
277156-[ ]
8.60
(16,564)
8
4.80
(9,354)
10
22.23
[7/8]
11.11
[7/16]
1490555-1
1901821 1
277148-[ ]
55832-[ ]
277157-[ ]
14.60
(28,280)
6
8.80
(16,983)
8
22.23
[7/8]
12.70
[1/2]
1490556-1
1901821-1
1976230-1B
1490749-1
277149-[ ]
55833-[ ]
55834-[ ]s
277158-[ ]
21.90
(42,420)
4
13.80
(26,818)
6
25.40
[1]
17.45
[11/16]
1490557-1
1490749-1
FCircular Mill Area; YSee Military Specification, MIL–W–7072 for Specific Wire Requirements; JSee Military Specification, MIL–W–22759E
for Specific Wire Requirements;
sHigh Temperature Silver Plated; BCrimping Head 1976230–1 CANNOT Crimp Splices
Figure 3 (cont’d)
CAUTION
!
NOTE
i



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com