Electronic Components Datasheet Search
  English  ▼

X  

HVD30 Datasheet(PDF) 1 Page - TT Electronics.

Part # HVD30
Description  Non-inductive design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVD30 Datasheet(HTML) 1 Page - TT Electronics.

  HVD30 Datasheet HTML 1Page - TT Electronics. HVD30 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Divider Resistors
HVD Series
Physical Data
Voltageratingsupto30kV
Non-inductivedesign
Ratiotolerancedownto0.25%
TCRtrackingdownto25ppm/°C
VCRdownto-0.15ppm/V
Customdesignserviceavailable
RoHScompliant
Electrical Data
HVD08
HVD12
HVD15
HVD20
HVD30
Powerratingat70°C
watts
0.75
1.5
2.5
3.5
4.5
Limitingelementvoltageinairdcoracpk
kV
7.5
10
15
20
30
Resistancevalue
ohms
10K–1G
50K–2G
100K–2G
100K–5G
Resistancetolerance
%
1,5
Ratiotolerance
%
0.25,0.5,1
TCR(20°Cto70°C)
ppm/°C
50,100
TrackingTCR(20°Cto70°C)
ppm/°C
25,50
Standardvalues
E24preferredfor(R1+R2)andR2
Ambienttemperaturerange
°C
-55to+155
Insulationresistanceat500V
ohms
>10G
Dielectricstrengthofinsulation
volts
>1000
Dimensionsinmm,weighting
Type
L(±0.5)
H
(±0.5)
T
(Max)
P
(±0.5)
P2
(±0.5)
LLLead
Length
Wt.
nom
HVD08
25.4
9.37
2.5
22.86
5.08
5.08
±0.75
0.66
HVD12
38.1
13.6
2.5
35.56
7.62
1.32
HVD15
50.8
16.14
2.5
48.26
10.16
2.09
HVD20
76.2
16.14
2.5
73.66
10.16
3.08
HVD30
101.6
16.14
2.5
99.06
10.16
4.07
Otherresistance,toleranceandTCRvaluesareavailableonrequest.
Construction
Terminationconductorsandrutheniumoxideresistivematerialareprint-
ed in a non-inductive pattern onto the surface of a 96% alumina sub-
strate.Ascreen-printedprotectionisthenappliedandterminalsarethen
attached.
Terminations
Solder coated phosphor bronze leadframe terminations are solder
dippedinSnAgCuandmeetthefollowingIECrequirements:IEC68.2.21–
Strength,IEC115-1,Clause4.17.3.2–Solderability
Marking
Typereference,TCRcodes,resistancevalues,tolerancecodesanddatecode
arelegendmarked.TheresistancevaluecodeconformstoIEC62.
SolventResistance
Thebodyprotectionandmarkingareresistanttoallnormalindustrialclean-
ingsolventssuitableforprintedcircuits..
Make Possible
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - HVD30

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVD30 SEI-HVD30 Datasheet
327Kb / 5P
High Voltage Plate Resistor Divider
02/08/2021
More results

Similar Description - HVD30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC12JT5M60 ETC1-RC12JT5M60 Datasheet
164Kb / 4P
Non-inductive design, Molded body for package uniformity
logo
Vincotech
V23990-P624-F24-P2-14 VINCOTECH-V23990-P624-F24-P2-14 Datasheet
1Mb / 14P
Low inductive design
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
Low inductive design
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
Non-inductive construction
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
Compact and low inductive design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
Compact and low inductive design
logo
Ohmite Mfg. Co.
RES-TGH OHMITE-RES-TGH Datasheet
429Kb / 2P
Due to their non-inductive design
logo
TT Electronics.
RHVD TTELEC-RHVD Datasheet
369Kb / 2P
Non-inductive design
logo
Analog Devices
HMC284AMS8G AD-HMC284AMS8G Datasheet
309Kb / 6P
Non-Reflective Design
logo
Semikron International
SK50DGDL066ETE2 SEMIKRON-SK50DGDL066ETE2 Datasheet
355Kb / 6P
Low inductive design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com