Electronic Components Datasheet Search
  English  ▼

X  

FT2 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # FT2
Description  Telecom/signal relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FT2 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  FT2 Datasheet HTML 1Page - TE Connectivity Ltd FT2 Datasheet HTML 2Page - TE Connectivity Ltd FT2 Datasheet HTML 3Page - TE Connectivity Ltd FT2 Datasheet HTML 4Page - TE Connectivity Ltd FT2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
01-2016, Rev. 0116
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
FT2/FU2 Relay (Continued)
Product code structure
Typical product code
D34
02
Type
D34
Signal Relays FT2 (THT)
D35
Signal Relays FU2 (SMT)
2 form C, 2 CO
Coil
Coil code: please refer to coil versions table
Performance and coil type
2x
Standard version, monostable
9x
High dielectric version, monostable
7x
High dielectric, Australia version, monostable (SMT version only)
Terminals
Blank
THT, Standard packaging
L
THT, dry-pack (on request)
N
SMT, short pins
W
SMT, long pins
Product code
Arrangement
Perf. type
Coil type
Coil
Terminals
Part Number
D3421
2 form C (2 CO)
Standard
Monostable
3VDC
THT
1462035-9
D3423
5VDC
1-1462035-1
D3426
12VDC
1-1462035-4
D3427
24VDC
1-1462035-7
D3523N
2 form C (2 CO)
Standard
Monostable
5VDC
SMT short
2-1462036-1
D3527N
24VDC
2-1462036-9
D3528N
48VDC
9-1462036-3
D3521W
2 form C (2 CO)
Standard
Monostable
3VDC
SMT long
1-1462036-8
D3522W
4.5VDC
2-1462036-0
D3523W
5VDC
2-1462036-2
D3526W
12VDC
2-1462036-8
D3527W
24VDC
9-1462036-1
D3491
2 form C (2 CO)
High dielectric
Monostable
3V
THT
2-1462035-0
D3492
4.5VDC
2-1462035-1
D3493
5V
1-1462035-5
D3496
12VDC
2-1462035-4
D3497
24VDC
2-1462035-5
D3491L
3VDC
2-1462035-7
D3491L
2 form C (2 CO)
High dielectric
special
Monostable
3VDC
THT
3-1462035-0
Other types on request
This list represents the most common types and does not show all variants covered by this data sheet.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com