Electronic Components Datasheet Search
  English  ▼

X  

LHVC1206 Datasheet(PDF) 1 Page - TT Electronics.

Part # LHVC1206
Description  Resistance 50K to 10M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LHVC1206 Datasheet(HTML) 1 Page - TT Electronics.

  LHVC1206 Datasheet HTML 1Page - TT Electronics. LHVC1206 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lower Range High
Voltage Chip Resistors
LHVC Series
Superior voltage performance over commercial range chips
0603 to 2512 sizes
Resistance 50K to 10M
RoHS compliant
LHVC0603
LHVC0805
LHVC1206
LHVC2010
LHVC2512
Power rating at 70°C
watts
0.1
0.125
0.25
0.5
1
Resistance range
ohms
100K to 10M
50K to 10M
Limiting element voltage
dc / ac pk volts
200
400
500
1600
2000
5s Overload voltage
dc / ac pk volts
400
800
1000
2500
3000
Dielectric withstand voltage
dc / ac pk volts
300
500
TCR
ppm/°C
±200
Resistance tolerance
%
1, 5
Standard values
5%: E24, 1%: E96
Ambient temperature range
°C
-55 to +155
Welwyn Components
A subsidiary of
TT electronics plc
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 11
Lower Range High
Voltage Chip Resistors
LHVC Series
Physical Data
· Superior voltage performance over
commercial range chips
· 0603 to 2512 sizes
· Resistance 50K to 10M
· RoHS compliant
Electrical Data
Dimensions (mm) and weight (mg)
Type
L
W
T
D1
D2
Wt.
nom.
LHVC0603
1.6 ±0.1
0.8 +0.15/-0.1
0.45 ±0.1
0.3 ±0.2
0.3 ±0.2
2.1
LHVC0805
2 ±0.15
1.25 +0.15/-0.1
0.55 ±0.1
0.4 ±0.2
0.4 ±0.2
4.7
LHVC1206
3.1 ±0.15
1.55 +0.15/-0.1
0.55 ±0.1
0.45 ±0.2
0.45 ±0.2
8.5
LHVC2010
5 ±0.1
2.5 +0.15/-0.1
0.55 ±0.1
0.6 ±0.25
0.5 ±0.3
25
LHVC2512
6.35 +0.1
3.2 +0.15/-0.1
0.55 ±0.1
0.6 ±0.25
0.5 ±0.2
44
Construction
Pd/Ag terminations are applied to the top and bottom of an alumina substrate. A resistive element is printed between the top face conductors,
which is then adjusted to value and protected.
A wraparound conductor is applied to join the top and bottom sides. The terminations are electroplated with a Ni barrier layer prior to plating with
a Sn finish.
Marking
Where space allows, LHVC resistors are marked with value in three or four characters. The coding is two digits for E24 or three digits for E96 fol-
lowed by one multiplier expressing the number of zeros. For E96 values on LHVC0603 standard EIA-96 codes are used, consisting of a 2 digit value
code and one letter multiplier code.
Solvent Resistance
The body protection and marking are resistant to all normal industrial solvents suitable for printed circuits.
LHVC0603
LHVC0805
LHVC1206
LHVC2010
LHVC2512
Power rating at 70°C
watts
0.1
0.125
0.25
0.5
1
Resistance range
ohms
100K to 10M
50K to 10M
Limiting element voltage
dc / ac pk volts
200
400
500
1600
2000
5s Overload voltage
dc / ac pk volts
400
800
1000
2500
3000
Dielectric withstand voltage
dc / ac pk volts
300
500
TCR
ppm/°C
±200
Resistance tolerance
%
1, 5
Standard values
5%: E24, 1%: E96
Ambient temperature range
°C
-55 to +155
Welwyn Components
A subsidiary of
TT electronics plc
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0)1670 822181 · Facsimile: +44 (0)1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 11
Lower Range High
Voltage Chip Resistors
LHVC Series
Physical Data
· Superior voltage performance over
commercial range chips
· 0603 to 2512 sizes
· Resistance 50K to 10M
· RoHS compliant
Electrical Data
Dimensions (mm) and weight (mg)
Type
L
W
T
D1
D2
Wt.
nom.
LHVC0603
1.6 ±0.1
0.8 +0.15/-0.1
0.45 ±0.1
0.3 ±0.2
0.3 ±0.2
2.1
LHVC0805
2 ±0.15
1.25 +0.15/-0.1
0.55 ±0.1
0.4 ±0.2
0.4 ±0.2
4.7
LHVC1206
3.1 ±0.15
1.55 +0.15/-0.1
0.55 ±0.1
0.45 ±0.2
0.45 ±0.2
8.5
LHVC2010
5 ±0.1
2.5 +0.15/-0.1
0.55 ±0.1
0.6 ±0.25
0.5 ±0.3
25
LHVC2512
6.35 +0.1
3.2 +0.15/-0.1
0.55 ±0.1
0.6 ±0.25
0.5 ±0.2
44
Construction
Pd/Ag terminations are applied to the top and bottom of an alumina substrate. A resistive element is printed between the top face conductors,
which is then adjusted to value and protected.
A wraparound conductor is applied to join the top and bottom sides. The terminations are electroplated with a Ni barrier layer prior to plating with
a Sn finish.
Marking
Where space allows, LHVC resistors are marked with value in three or four characters. The coding is two digits for E24 or three digits for E96 fol-
lowed by one multiplier expressing the number of zeros. For E96 values on LHVC0603 standard EIA-96 codes are used, consisting of a 2 digit value
code and one letter multiplier code.
Solvent Resistance
The body protection and marking are resistant to all normal industrial solvents suitable for printed circuits.
Make Possible
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - LHVC1206

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LHVC1206 WELWYN-LHVC1206 Datasheet
219Kb / 2P
Lower Range High Voltage Chip Resistors
LHVC1206-100KFT5 WELWYN-LHVC1206-100KFT5 Datasheet
219Kb / 2P
Lower Range High Voltage Chip Resistors
LHVC1206-100KJT5 WELWYN-LHVC1206-100KJT5 Datasheet
219Kb / 2P
Lower Range High Voltage Chip Resistors
More results

Similar Description - LHVC1206

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
K100204 E-SWITCH-K100204 Datasheet
69Kb / 1P
Contact Resistance : 10m-OHMS
K100207 E-SWITCH-K100207 Datasheet
93Kb / 1P
Contact Resistance : 10m-OHMS
K100302 E-SWITCH-K100302 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K100303 E-SWITCH-K100303 Datasheet
61Kb / 1P
Contact Resistance : 10m-OHMS
K100304 E-SWITCH-K100304 Datasheet
178Kb / 1P
Contact Resistance : 10m-OHMS
K200101 E-SWITCH-K200101 Datasheet
59Kb / 1P
Contact Resistance : 10m-OHMS
K200103 E-SWITCH-K200103 Datasheet
32Kb / 1P
Contact Resistance : 10m-OHMS
K200117 E-SWITCH-K200117 Datasheet
31Kb / 1P
Contact Resistance : 10m-OHMS
K200123 E-SWITCH-K200123 Datasheet
63Kb / 1P
Contact Resistance : 10m-OHMS
K200131 E-SWITCH-K200131 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com