Electronic Components Datasheet Search
  English  ▼

X  

ISO Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # ISO
Description  Automotive Relays Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ISO Datasheet(HTML) 1 Page - TE Connectivity Ltd

  ISO Datasheet HTML 1Page - TE Connectivity Ltd ISO Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
01-2012, Rev. 0112
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Connectors in 3 different versions
n
PCB Socket
With the solderable connector Mini ISO relays with plug-in
terminals can be mounted on
leadframes. This allows easy and reasonable replacement
in case of service.
n
Connector
5 pole connector with snap-in pin to lock in frame.
n
Connector with mounting flap
5 pole connector that can be mounted individually or interlocked.
The connector has a snap-in pin to lock in frame. The mounting
bracket also allows screw-on. The mounting bracket also allows
screw-on.
Connectors for Mini ISO Relays
Automotive Relays
Accessories
Dimensions
F333-51_fcw1a
1,8
0,1
14,5
10
+0,3
0
24
7,5
13 0,1
13 0,1
17,4
0,1
2 0,1
2,5
PCB socket V23333-Z0002-A041
Mounting recommendation: to keep insertion force away from the PCB the
soldering of the socket to the PCB should be done with already inserted
relay.
Technical Data
Weight
PCB socket
approx. 7.0g (0.25oz)
Connector
approx. 3.9g (0.14oz)
Connector with mounting flap
approx. 20.6g (0.73oz)
Storage conditions
according to IEC6006881)
Packaging/unit
PCB socket (V23333-Z0002-B041)
500 pcs.
Connector (V23333-Z0001-A007)
500 pcs.
Connector with mounting flap (V23333-Z1001-A008)
200 pcs.
1) For general storage and processing recommendations please refer to the Application Notes and especially to storage in our
Definitions or at http://relays.te.com/appnotes/
1,8
0,1
14,5
10
+0,3
0
24
7,5
13 0,1
13 0,1
17,4
0,1
2 0,1
2,5
Terminals to be ordered separately.
Connector V23333-Z0001-A007
333_41_DD2
333_7_DD2
1,8
0,1
14,5
10
+0,3
0
24
7,5
13 0,1
13 0,1
17,4
0,1
2 0,1
2,5


Similar Part No. - ISO

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ISO ATC-ISO Datasheet
477Kb / 2P
Multiple Channel Isolated Switch
logo
Beaverswood
ISO 306-A50 BEAVERSWOOD-ISO 306-A50 Datasheet
692Kb / 1P
Document Display
February 2016
ISO 527 BEAVERSWOOD-ISO 527 Datasheet
692Kb / 1P
Document Display
February 2016
ISO 8256 BEAVERSWOOD-ISO 8256 Datasheet
692Kb / 1P
Document Display
February 2016
logo
Sealevel Systems, Inc.
ISO-1 SEALEVEL-ISO-1 Datasheet
233Kb / 2P
SeaISO Single Port Inline USB Isolator
More results

Similar Description - ISO

ManufacturerPart #DatasheetDescription
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
List of Unclassifed Man...
KK071 ETC2-KK071 Datasheet
77Kb / 2P
Solid State Relays Accessories
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
AUTOMOTIVE RELAYS
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
automotive relays
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
automotive relays
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
automotive relays
logo
TE Connectivity Ltd
27E043 TEC-27E043 Datasheet
695Kb / 3P
Sockets & Accessories, KUP Relays
10-2012, Rev. 1012
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com