Electronic Components Datasheet Search
  English  ▼

X  

P25 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # P25
Description  Definite Purpose Magnetic Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

P25 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  P25 Datasheet HTML 1Page - TE Connectivity Ltd P25 Datasheet HTML 2Page - TE Connectivity Ltd P25 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
822
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P25 With AC Coil
P25 With DC Coil
Mounting Plate Footprint
.69
± .015
(17.5
± .38)
.88
± .015
(22.4
± .38)
2.750 MAX.
(69.85)
W/O SWITCHES
3.400 MAX.
(86.36)
W/SINGLE SWITCH
.90
± .015
(22.9
± .38)
.69
± .015
(17.5
± .38)
1.61 MAX.
(40.9)
2.750 MAX.
(69.85)
W/O SWITCHES
3.400 MAX.
(86.36)
W/SINGLE SWITCH
2.50
(63.5)
2.00
(50.8)
(1.00)
(25.4)
.250
(6.35)
1.625
(41.28)
3.125
(79.38)
3.250
(82.55)
1.875
(47.63)
.062
(1.57)
3.75
(95.3)
.142
(3.61)
2.125
(53.98)
1.062
(26.97)
.5 DIA.
(12.7)
#10-32 TYP.
2 PLACES
.21
(5.3)
.218
± .01
(5.54
± .25)
4.050 MAX.
(102.87)
W/DOUBLE SWITCH
.218
± .01
(5.54
± .25)
4.050 MAX.
(102.87)
W/DOUBLE SWITCH
Outline Dimensions
Duak .250” (6.35mm)
Quick Connect 26A902
Code 3
#8-32 UNF-2A X .375” (9.525mm)
Binder Terminal Screw 15S334
Code 2
#8-32 UNF-2A X .500” (12.7mm)
Screw With Captive
Pressure Plate 15S354
Code 5
Box Lug Connector 26A866
Code 4
Contact Terminal Options
Contact Replacement Kit - 9P25X1
Contact replacement kit includes 3 contact pressure springs, 3 movable contact assemblies and 6 stationary contact assemblies. Contact replacement kits
are for use only on those models with form X contact arrangements.
Mounting Plate Kit - 9P25X2
Mounting plate kit includes one mounting plate (37B918) and two mounting screws (15J011).
Auxiliary Switch Kit for P25 AC Coil Units - 9P25X3
This auxiliary switch kit includes one plastic actuator and one auxiliary switch assembly. It contains no screw. One assembly screw must be removed from the
P25 contactor and used to mount the auxiliary switch.
Auxiliary Switch Kit for P25 DC Coil Units - 9P25X4
This auxiliary switch kit includes one plastic actuator, one auxiliary switch assembly and one thread cutting screw.
Replacement Parts and Accessories



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com