Electronic Components Datasheet Search
  English  ▼

X  

MFP1 Datasheet(PDF) 2 Page - TT Electronics.

Part # MFP1
Description  Smallest size for power rating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFP1 Datasheet(HTML) 2 Page - TT Electronics.

  MFP1 Datasheet HTML 1Page - TT Electronics. MFP1 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flameproof Power
Metal Film Resistors
MFP Series
Flameproof Power
Metal Film Resistors
MFP Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 03.06
Welwyn Components
144
Application Notes
1. If the resistors are to dissipate full rated power, it is
recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limitations imposed by some
pcb materials, derating may be necessary. An estimate of
the temperature rise to be expected can be calculated
using the thermal impedance figures given under Electrical
Data.
3. These products are also available in a range of lead forming
options. In particular, MFP2 is available in ZI-form SMD
format packed in blister tape - see:
http://www.ttelectronicsresistors.com/pdf/datasheet/ZI-form.pdf
b
f1
f2
6
6
5
Body location f 1 – f 2 ≤ 1.4 mm
Figure 1
Packaging
MFP resistors are normally supplied tape packed ready for
loading onto automatic sequencing and insertion machines.
The standard taping method and critical dimensions are
shown in Figure 1.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Maximum
Load at rated power : 1000 hours at 70°C
∆
5
%
R
Shelf life : 12 months at room temperature
∆
2
%
R
Derating from rated power at 70°C
∆
C
°
5
5
1
t
a
o
r
e
z
%
R
Climatic
∆
3
%
R
Climatic category
50/155/56
Temperature rapid change
∆
5
.
0
%
R
Resistance to solder heat
∆
5
.
0
%
R
n
i
m
0
0
5
s
t
l
o
v
f
o
o
r
p
e
g
a
t
l
o
V
Performance Data
2
P
F
M
1
P
F
M
e
p
y
T
b
8
6
2
5
)
m
m
(
Ordering Procedure
Example: MFP2 at 4.7 kilohms and 1% tolerance in ammo pack box of 2000 pieces –
M F P 2 – 4 K 7 F I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G 2%
J
5%
Packing
I
Ammo
MFP1
5000/box
Standard
MFP2
2000/box
06.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com