Electronic Components Datasheet Search
  English  ▼

X  

MFR4 Datasheet(PDF) 3 Page - TT Electronics.

Part # MFR4
Description  Optional RoHS compliant or Lead bearing wire finishes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MFR4 Datasheet(HTML) 3 Page - TT Electronics.

  MFR4 Datasheet HTML 1Page - TT Electronics. MFR4 Datasheet HTML 2Page - TT Electronics. MFR4 Datasheet HTML 3Page - TT Electronics. MFR4 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Packaging
All MFR resistors are supplied tape packed ready for loading
on to automatic sequencing and insertion machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead Formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are available.
Graph 3 – Load for 1000 hours at 70°C: maximum changes
Construction
The resistance element is a precisely controlled thin film of
metal alloy sputtered on to a high purity ceramic core,
protected by a moisture-resistant, high dielectric strength
coating applied so that terminations remain completely clear.
Terminations
Material
Hot tin dipped copper wire
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Marking
0.5% and 1% tolerance resistors are colour coded with 5
bands. IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
52
f1
f2
6
6
5
f1 – f 2 ≤ 1.4 mm
Metal Film Resistors
MFR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Welwyn Components
137
CECC 40101-019
CECC 40101-803
Actual Performance
Requirements
Requirements
Maximum
Typical
Load at commercial rating :
1000 hours at 70°C
∆
3
h
p
a
r
G
eeS
9.0
%
R
Load at CECC rating :
1000 hours at 70°C
∆R %
2
1
0.5
See Graph 3
Shelf life :
12 months at room temperature
∆R %
Not specified
Not Specified
0.1
0.07
C
°
551
t
a
o
r
e
z
C
°
551
t
a
o
r
e
z
g
n
itare
D
Short term overload
∆R %
0.5
0.25
0.25
0.01
Climatic
∆R %
2
1
0.5
0.2
65
/
521
/
55
65
/
521
/
55
y
r
o
g
eta
c
c
ita
m
il
C
Long term damp heat
∆R %
2
1
0.5
0.3
Temperature rapid change
∆R %
0.5
0.25
0.25
0.04
Resistance to solder heat
∆R %
0.5
0.25
0.25
0.07
Vibration and bump
∆R %
0.5
0.25
0.1
0.01
Noise. (in a decade of frequency)
µV/V
Not Specified
Not Specified
0.1
0.07
Insulation resistance
ohms
>1G
>1G
>1G
>1G
n
i
m
007
n
i
m
007
n
i
m
005
n
i
m
007
s
tl
o
v
f
oo
r
p
e
g
a
tl
oV
t
s
e
uq
e
r
nopu
e
l
b
a
li
a
v
a
a
t
a
D
g
n
il
d
nah
e
s
l
uP
Performance Data - Type MFR 5
Metal Film Resistors
MFR Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com