Electronic Components Datasheet Search
  English  ▼

X  

RP3SL Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RP3SL
Description  For high inrush currents up to 120A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RP3SL Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RP3SL Datasheet HTML 1Page - TE Connectivity Ltd RP3SL Datasheet HTML 2Page - TE Connectivity Ltd RP3SL Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
n
1 pole 16A, 1 form A (NO) contact
n
For high inrush currents up to 120A
n
Mono- or bistable
n
4kV/8mm coil-contact
Typical applications
Lighting control, timers, motor control, building automation.
Approvals
VDE Cert. No. 40025448 (DC versions only), UL E214024
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
flux proof version
16A
wash tight version
12A
Limiting making current
max. 4 s, duty factor 10 %
25A
max. 20 ms (incandescent lamp)
120A
Breaking capacity max.
flux proof version
4000VA
wash tight version
3000VA
Contact material
AgSnO
Frequency of operation, with/without load
960/72000h-1
Operate/release time max., monostable
14/12ms
Set/reset time max., bistable
30/25ms
Bounce time max.
monostable
5/7ms
bistable
5/15ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RP3SL
A (NO)
16A, 250VAC resistive, 70°C
50x103
RP7SL
A (NO)
12A, 250VAC resistive, 70°C
100x103
Mechanical endurance
monostable
>20x106 operations
bistable
>1x106 operations
Coil Data
Coil data, monostable coil
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
flux proof version
2
wash tight version
1
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.8
0.5
54
500
006
6
4.5
0.6
68
500
012
12
9.0
1.2
270
500
024
24
18.0
2.4
11001)
500
048
48
36.0
4.8
44001)
500
060
60
45.0
6.0
65401)
500
Coil Data, bistable coil
1 coil
2 coils
Coil voltage range
5 to 24VDC
Operative range, IEC 61810
1
Reset voltage min/max, % of Urtd
70/110%
75/120%
Min./Max. energization duration
20ms/1min at < 50%DF
Coil versions, bistable
Coil
Rated
Set
Reset
Reset
Coil
Rated coil
code
voltage
voltage
voltage
R1
resistance
power
VDC
VDC
VDC
Ω/W
Ω±10%1)
mW
Coil versions, bistable 1 coil
A05
5
3.7
3.6
39/0.5
21
1250
A12
12
9.0
8.7
220/0.5
115
1250
A24
24
18.0
16.7
820/0.5
460
1250
Coil versions, bistable 2 coils
F12
12
9.0
9.0
1051)
1250
F24
24
18.0
18.0
4601)
1250
1) Coil resistance ±15% .
All figures are given for coil without pre-energization, at ambient temperature +23°C, duty
factor 20%. Other coil voltages on request.
Special Load PCB Relay RP3SL
Z


Similar Part No. - RP3SL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP3SL MACOM-RP3SL Datasheet
208Kb / 3P
Special Load PCB Relay
RP3SL005 MACOM-RP3SL005 Datasheet
207Kb / 3P
Special Load PCB Relay RP 3 SL
RP3SL005 MACOM-RP3SL005 Datasheet
208Kb / 3P
Special Load PCB Relay
logo
TE Connectivity Ltd
RP3SL005 TEC-RP3SL005 Datasheet
286Kb / 3P
Special Load PCB Relay RP3SL
logo
Tyco Electronics
RP3SL012 MACOM-RP3SL012 Datasheet
207Kb / 3P
Special Load PCB Relay RP 3 SL
More results

Similar Description - RP3SL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Tyco Electronics
40947 MACOM-40947 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
42903 MACOM-42903 Datasheet
168Kb / 2P
Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
fujitsu semiconductor
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
low-saturation regulators that are available for output currents up to 500mA.
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
Contacts for signal loads and currents up to 5A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
Output Currents up to 0.5A (output1 & 2)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com