Electronic Components Datasheet Search
  English  ▼

X  

SCE Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SCE
Description  True Off-Delay timing modes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCE Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SCE Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12–36
Specialty Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
SCE Series, Specification Grade Discrete Plug-in,
True Off-Delay Time Delay Relay
SCE
|
Series SCE
True
Off-delay
Timer
R
|
|
|
|
|
|
|
Agency
Recognition
R = UL recognized
2
|
|
|
|
|
|
|
Operating
Mode
2 = True
Off-Delay
A
|
|
|
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60
Hz. / 125VDC
E = 24VAC, 50/60 Hz.
/ 24VDC
F = 48VAC, 50/60 Hz.
/ 48VDC
C
|
Timing Range
A =0 .1 to 3 sec.
B = 0.5 to 15 sec.
C = 1 to 30 sec.
E = 4 to 120 sec.
G = 10 to 300 sec.
L = 0.33 to 10 min.
A
|
|
|
|
|
|
|
|
|
|
|
|
|
|
Timing Adjustment
A = Knob Adjust
F = Fixed Times –Specify
time delay in seconds
per the following
examples:
XF9.000 = 9 sec.
XF99.00 = 99 sec.
XF999.0 = 9999 sec.
XF1000 = 1000 sec.
X
|
Output Rating
W = 10A (SPDT)
X = 5A (DPDT)
2
|
Output
1 = SPDT (W)
2 = DPDT (W)
1.97
(50)
1.97
(50)
.60
(15)
3.25
(83)
Product Facts
n True Off-Delay timing modes
n Six time delays from 0.1
sec. to 10 min.
n 10A SPDT or 5A DPDT
output contacts
n Excellent repeat
accuracy — typically better
than ±1%
n 8-pin octal plug.
n File E15631, File LR51332
CAUTION: If unit has not been
energized for several months,
apply operating voltage for 20
minutes prior to initial time
delay.
Timing Specifications
Timing Modes —
True Off-Delay — Upon application of
operating voltage (min. 100ms), output
relay contacts transfer. When operating
voltage is removed, the time delay
period is initiated. At the end of the delay
period, output relay contacts release.
If operating voltage is reapplied prior to
expiration of the delay period, the delay
will be cancelled and output relay con-
tacts will remain transferred.
Timing Ranges —
0.1 to 3 / 0.5 to 15 / 1 to 30 / 4 to 120 /
10 to 300 sec.; 0.33 to 10 min.
Timing Adjustment —
Knob adjustment — Internal poten-
tiometer with external knob adjustment.
Maximum time calibrated with +10%, –
0% of values shown below at rated volt-
age, at 68°F.
Fixed time — internal fixed resistor.
Accuracy —
Repeat Accuracy — ±1
Overall Accuracy — ±5%
Reset Time — 30 ms. min.
Relay Operate Time — 30 ms.
Contact Data @ 25°C
Arrangements — 1 Form C (SPDT)
and 2 Form C (DPDT)
Rating —
1 Form C — 10A @ 120/240VAC,
resistive; 1/3 HP @ 120VAC; 345VA @
120VAC; 1/4 HP @ 240VAC; 275VA @
240VAC. Same polarity.
2 Form C — 5A @ 28VDC or
120/240VAC, resistive; 1/6 HP @
120/240VAC; 200VA @ 120/240VAC.
Same polarity.
Expected Mechanical Life —
10 million operations
Expected Electrical Life — 200,000
operations, min., at rated resistive load
Initial Dielectric Strength —
Between Terminals and Case and relay
contacts and active circuitry —
1,480VAC for one minute
Input Data @ 25°C
Voltage — See Ordering Information
section for details
Power Requirement — 750mW
Transient Protection — 1,000V plus
twice rated voltage for 0.1 ms
Environmental Data
Temperature Range —
Storage — -40°C to +85°C
Operating — -30°C to +65°C
Mechanical Data
Mounting/Termination — 8-pin
octal plug fits either 27E122 or 27E891
(snap-on) socket (order separately)
Weight — 4 oz. (112g) approximately
Ordering Information (All "X's" must be included to complete part number)
Authorized distributors are likely to stock the following:
None at present.
R
R
Outline Dimensions
Wiring Diagrams (Bottom Views)
Fixed Time
Fixed Time
Or Knob Adjust
Or Knob Adjust
Users should thoroughly review the
technical data before selecting a product
part number. It is recommended that user
also seek out the pertinent approvals
files of the agencies/laboratories and
review them to ensure the product meets
the requirements for a given application.


Similar Part No. - SCE

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCE-95 GAMEWELL-FCI-SCE-95 Datasheet
74Kb / 2P
Signal Control Element
SCE-SS GAMEWELL-FCI-SCE-SS Datasheet
516Kb / 4P
Addressable Control and Relay Modules
logo
Mallory Sonalert Produc...
SCE016LD2CTB MSPI-SCE016LD2CTB Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
SCE016LD2DP2B MSPI-SCE016LD2DP2B Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
SCE016LD2DP3B MSPI-SCE016LD2DP3B Datasheet
55Kb / 1P
Voltage Rating 6 to 16 VDC
More results

Similar Description - SCE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VTM1 MACOM-VTM1 Datasheet
223Kb / 1P
On-Delay Timing Module
logo
List of Unclassifed Man...
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
logo
Tyco Electronics
VTM2 MACOM-VTM2 Datasheet
236Kb / 1P
Off-Delay Timing Module
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
OFF DELAY TIMER
logo
Schneider Electric
8501XO00XTD1V02Y414 SCHNEIDER-8501XO00XTD1V02Y414 Datasheet
114Kb / 2P
Timing Relay - One Minute Off-Delay with 120VAC Coil with No Contacts
Aug 31, 2021
8501XO00XTD1V03Y414 SCHNEIDER-8501XO00XTD1V03Y414 Datasheet
114Kb / 2P
Timing Relay - One Minute Off-Delay with 240VAC Coil with No Contacts
Aug 31, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com