Electronic Components Datasheet Search
  English  ▼

X  

SCF Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SCF
Description  4 user-programmable timing modes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCF Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SCF Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12–37
Specialty Relays
12
SCF Series, Programmable, Time Delay Relay
Ordering Information (All "X's" must be included to complete part number)
Authorized distributors are likely to stock the following:
None at present.
SCF
|
Series SCF
Plug-In
Programmable
Timer
RX
|
|
|
|
|
|
|
|
|
|
|
Mounting
RX = Without Socket
RF = With Socket
90
|
Operating Mode
90 = Multiple Modes
On-Delay
Off-Delay
Interval
Latching Interval
2
|
|
|
|
|
|
|
|
|
|
Output
2 = DPDT Relay
A
|
Output Rating
A = 10 Amp
B = 5 Amp
A
|
|
|
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60 Hz. / 125VDC
B = 240VAC, 50/60 Hz. §
E = 24VAC, 50/60 Hz. / 24VDC
F = 48VAC, 50/60 Hz. / 24VDC
Q = 12VDC
Product Facts
n 4 user-programmable
timing modes
n 0.1 sec. to 10 hr.
programmable timing range
n Parameters set with
recessed dials
n Narrow width saves panel
space
n 10A DPDT output relay
n Socket can be DIN-rail or
back panel mounted
n File E15631(relay) and
E140494 (socket)
n File LR29186 (relay) and
LR29513M7 (socket)
R
R
CLEARANCE
HOLE FOR
M4 OR #8
MACHINE
SCREW
.109 (3) DIA.
ANTI-ROTATION
PIN BETWEEN
TERMS 10 & 2
M3 X 0.5 CAPTIVE
CLAMP SCREWS
1.38
(35)
.21
(5)
.84
(21)
3.29
(84)
1.645
(42)
1.42
(36)
0.71
(18)
0.372 (10)
Timing Modes
Modes are user selectable via screw-
driver adjustment of recessed 4-position
selector dial.
Modes offered are: On-Delay, Off-Delay,
Interval and Latching Interval.
Timing Specifications
Timing Ranges — 0.1 to 3 / 0.33 to
10 / 1 to 30 / 4 to 120 sec.; 0.33 to 10 /
1 to 30 / 2 to 60 min.; 0.33 to 10 hr.
Timing Range Selection —
Screwdriver select via recessed
8-position selector dial.
Timing Adjustment — External knob
potentiometer adjustment with reference
calibrations.
Accuracy —
Repeat Accuracy — ±1% ±0.01 sec.
Overall Accuracy — ±3% ±0.01 sec.
Reset Time — 30 ms.
Relay Operate Time — On-Delay
and Interval mode: 55 ms.
Relay Release Time — Off-Delay,
Interval and Latching Interval: 40 ms.
Contact Data @ 25°C
Arrangements — 2 Form C (DPDT).
Rating — 10A @ 28VDC or 120VAC,
resistive; 1/3 HP @ 120/240VAC;
345VA.
Expected Mechanical Life —
10 million operations.
Expected Electrical Life — 500,000
operations, min., at rated resistive load.
Initial Dielectric Strength —
Between Terminals and Case —
1,000VAC plus twice the nominal volt-
age for one minute.
Input Data @ 25°C
Voltage — See Ordering Information
section for details.
Power Requirement — 2W, max.
Transient Protection —
Non-repetitive transients of the following
magnitudes will not cause spurious
operation of affect function and accuracy.
Operating
Voltage
<0.1 ms
<1 ms
12VDC
1,000V
240V*
24VAC/VDC
1,000V
240V*
48 VAC/VDC
1,000V
480V*
120 VAC,
125VDC
3,000V
2,500V*
240VAC/VDC
3,000V
2,500V*
*Minimum source impedance of 100 ohm
Environmental Data
Temperature Range —
Storage — -40°C to +85°C.
Operating — -30°C to +65°C.
Mechanical Data
Mounting/Termination — 11-pin
octal-type plug for use with mating
socket. Mount relay in horizontal position
(pins horizontal, knob down, LEDs up).
Status Indication — Power On LED
and Output Contacts LED.
Weight — Relay: 3.5 oz. (156g)
approx.; Socket: 1.7 oz. (48.3g) approx.
Users should thoroughly review the
technical data before selecting a product
part number. It is recommended that user
also seek out the pertinent approvals
files of the agencies/laboratories and
review them to ensure the product meets
the requirements for a given application.
Wiring Diagram
(Bottom View)
Outline Dimensions
SCF Timer
BCSF11SC Socket
§ Voltage Option B is only available with
5 Amp output option.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - SCF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
logo
Kemet Corporation
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
SCF-01-50002 KEMET-SCF-01-50002 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
SCF-01-5000 KEMET-SCF-01-5000_V01 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
More results

Similar Description - SCF

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Micrel Semiconductor
SY604 MICREL-SY604 Datasheet
78Kb / 8P
125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
logo
Integrated Circuit Syst...
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
High-Speed Octal Programmable Timing Generator
logo
Zilog, Inc.
Z16C0110PSC ZILOG-Z16C0110PSC Datasheet
1Mb / 14P
Eight User-Selectable Addressing Modes
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
logo
TE Connectivity Ltd
SCE TEC-SCE Datasheet
147Kb / 1P
True Off-Delay timing modes
logo
Maxim Integrated Produc...
MAX9776EVKIT MAXIM-MAX9776EVKIT Datasheet
399Kb / 11P
Highly Programmable Input and Output Modes
Rev 0; 3/07
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com