Electronic Components Datasheet Search
  English  ▼

X  

T7C Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # T7C
Description  UL Class F coil insulation system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T7C Datasheet(HTML) 3 Page - TE Connectivity Ltd

  T7C Datasheet HTML 1Page - TE Connectivity Ltd T7C Datasheet HTML 2Page - TE Connectivity Ltd T7C Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T7C (Continued)
Product code
Enclosure
Cont.arrangement
Coil input
Contact material
Coil voltage
Part number
T7CS1D-05
Wash tight
1 form A (NO)
DC coil
AgCdO
5VDC
1393190-7
T7CS1D-12
12VDC
1-1393190-0
T7CS1D-24
24VDC
1-1393190-2
T7CS1D2-05
Ag
5VDC
1-1393190-4
T7CS1D2-09
9VDC
1-1440006-1
T7CS1D2-12
12VDC
1-1393190-5
T7CS1D2-24
24VDC
1-1393190-6
T7CS5D-05
1 form C (CO)
AgCdO
5VDC
1-1393190-8
T7CS5D-09
9VDC
2-1393190-0
T7CS5D-12
12VDC
2-1393190-2
T7CS5D-24
24VDC
2-1393190-8
T7CS5D-48
48VDC
3-1393190-1
T7CV1D-24
Flux proof
1 form A (NO)
24VDC
4-1393190-3
T7CV5D-05
1 form C (CO)
5VDC
4-1393190-6
T7CV5D-06
6VDC
4-1393190-7
T7CV5D-12
12VDC
5-1393190-3
T7CV5D-24
24VDC
6-1393190-0
Product code structure
Typical product code
T7C
V
5
D
2
-24
Type
T7C
Miniature PCB Relay T7C
Enclosure
V
Flux proof
S Wash tight, immersion cleanable case with knock-off nib
Contact arrangement
1
1 form A (NO) contact
5
1 form C (CO) contact
Coil input
D DC coil
Contact material
Blank AgCdO
2
Ag
Coil voltage
Coil code: please refer to coil versions table (e.g. 05=5VDC)
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com