Electronic Components Datasheet Search
  English  ▼

X  

MWR Datasheet(PDF) 1 Page - TT Electronics.

Part # MWR
Description  Performance characterized to 40GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MWR Datasheet(HTML) 1 Page - TT Electronics.

  MWR Datasheet HTML 1Page - TT Electronics. MWR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TaNFilm® Microwave
Chip Resistor
MWR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· Long life self passivating TaNFilm® element
· Low absolute TCR to ±25ppm/°C
· Performance characterized to 40GHz
· Wire-bonded, ribbon-bonded or solder mounted
· Flip chip mounting –
keeps resistor element in the same plane as circuit
OBSOLETE


Similar Part No. - MWR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
Small size ??Low ESR - General purpose
logo
IRC - a TT electronics ...
MWR-MWC01GC-01-1000-F IRCTT-MWR-MWC01GC-01-1000-F Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
MWR-MWC01GC-01-1000-G IRCTT-MWR-MWC01GC-01-1000-G Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
MWR-MWC01GC-01-1000-J IRCTT-MWR-MWC01GC-01-1000-J Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
MWR-MWC01GC-01-1000-K IRCTT-MWR-MWC01GC-01-1000-K Datasheet
457Kb / 2P
TaNFilm Microwave Chip Resistor
More results

Similar Description - MWR

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
DC-40GHz ATTENUATOR
logo
American Accurate Compo...
JXWBHP-M1840C AAC-JXWBHP-M1840C Datasheet
61Kb / 1P
Broadband Millimeter Mixer 6 to 40GHz
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF_15 Datasheet
299Kb / 10P
Fully Characterized Avalanche Voltage and Current
logo
Knowles Electronics
FPC07181 KNOWLES-FPC07181 Datasheet
316Kb / 2P
20 to 40GHz 20dB Directional Coupler
FPC07182 KNOWLES-FPC07182 Datasheet
341Kb / 2P
20 to 40GHz 10dB Symmetrical Directional Coupler
FPC07802 KNOWLES-FPC07802 Datasheet
409Kb / 2P
DC to 40GHz 30dB Resistive Coupler
FPC07803 KNOWLES-FPC07803 Datasheet
348Kb / 2P
DC to 40GHz 20dB Resistive Coupler
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
logo
TE Connectivity Ltd
C-2016662 TEC-C-2016662 Datasheet
190Kb / 1P
RF CA,PC2.92 M TO PC2.92 M, 40GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com