Electronic Components Datasheet Search
  English  ▼

X  

OLV3 Datasheet(PDF) 2 Page - TT Electronics.

Part # OLV3
Description  Radial format for direct insertion
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OLV3 Datasheet(HTML) 2 Page - TT Electronics.

  OLV3 Datasheet HTML 1Page - TT Electronics. OLV3 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Open Air Low Value
Shunt Resistors
OLV Series
OLV Series
Solvent Resistance
The product is resistant to all normal industrial cleaning solvents suitable for printed circuits.
Performance Data
Maximum
Endurance at rated temperature Full rated power for 1000hrs (1.5hrs on, 0.5hrs off) at 70°C
±∆R%
5 + 0.05Ω
Overload (6.25 x rated power for 5s)
±∆R%
5 + 0.05Ω
Temperature derating
See graph
Solderability
95% coverage
Ordering Procedure
Example: OLV3 at 10mΩ and 5% tolerance in bulk pack boxes of 400 pieces:
O L V 3 – R 0 1 J B 0 4
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
Packing
B36
OLV1-R025
3600 / box
B2
OLV1-R02, OLV2-R05, OLV3-R10
2000 / box
B12
OLV1-R015, OLV2-R005, OLV3-R05
1200 / box
B08
OLV1-R005, OLV1-R01, OLV2-R015, OLV2-R02, OLV2-R025, OLV3-R015, OLV3-R02
800 / box
B04
Bulk Pack
OLV2-R01, OLV3-R005, OLV3-R01, OLV3-R025
400 / box
Standard
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
01/11
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Surge Energy
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
20
40
60
80
100
Value (mOhms)
Temperature Derating
0%
20%
40%
60%
80%
100%
-40
25
90
155
Ambient Temperature (°C)
Typical Temperature Rise
0
50
100
150
200
250
300
0%
20%
40%
60%
80%
100%
Proportion of Pr
Joint
Hot Spot
OLV3
OLV2
OLV1
Suggested 4-Terminal Track Layout
Notes:
1. Sense tracks should run close to each other and for a
short distance to minimise loop area and noise pickup.
2. Current tracks should be dimensioned to give minimal
self heating at the maximum design current.
3. At least one pair of connections (current or sense)
should be on the component side of the PCB.
Sense
Current
Current
(for durations ≤100ms)
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com