Electronic Components Datasheet Search
  English  ▼

X  

2SC1623Q Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 2SC1623Q
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2SC1623Q Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  2SC1623Q Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2SC1623Q Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 2SC1623Q Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 2SC1623Q Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 2SC1623Q Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.02 20120703
2SC1623Q/R/S
DEVICE CHARACTERISTICS
ON CHARACTERISTICS
DC Current Gain
(IC=1.0mA, VCE=6V)
hFE
120
-
560
Collector-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
V CE(sat)
-
0.15
0.3
V
Base-Emitter Saturation Voltage
(IC=100mA,IB=10mA)
VBE(sat)
-
0.86
1.0
V
IC=1mA,VCE=6.0V)
V
BE
0.55
0.62
0.65
V
SMALL-SIGNAL CHARACTERISTICS
hFE Values are classified as followes
Current-Gain-Bandwidth Product
Ft
-
250
-
MHz
(VCE=6.0V,IE =1.0MHz)
Output Capacitance(VCE = 6V, IE=0, f=1.0MHz)
Cob
-
3
-
Pf
NOTE:
*
Q
R
S
hFE
120~270
180~390
270~560
Base -Emitter On Voltage
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
2SC1623Q
L5
2SC1623R
L6
2SC1623S
L7
3000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
Shipping
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
2SC1623Q
L5
2SC1623R
L6
2SC1623S
L7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com