Electronic Components Datasheet Search
  English  ▼

X  

NA53 Datasheet(PDF) 1 Page - ams AG

Part # NA53
Description  NA53 is a 5-input NAND gate with 3x drive strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NA53 Datasheet(HTML) 1 Page - ams AG

  NA53 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NA53 is a 5-input NAND gate with 3x drive strength.
Truth Table
Q
C
A
B
D
E
Capacitance
A
B
C
D
E
Q
Ci (pF)
L
XXXX
H
A
0.050
X
L
X
X
X
H
B
0.050
X
X
L
X
X
H
C
0.053
X
X
X
L
X
H
D
0.056
XXXX
L
H
E
0.056
HHHHH
L
Area
Power
1.22 mils
2
14.31 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 5V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.3
L = 2.1
L = 3.0
L = 0.3
L = 2.1
L = 3.0
Delay A to Q
tpdar
0.57
1.56
2.09
0.91
1.88
2.37
tpdaf
0.51
1.38
1.82
0.49
1.35
1.80
Delay B to Q
tpdbr
0.65
1.64
2.16
1.02
2.01
2.53
tpdbf
0.56
1.44
1.86
0.52
1.38
1.82
Delay C to Q
tpdcr
0.72
1.71
2.24
1.10
2.11
2.58
tpdcf
0.59
1.45
1.90
0.51
1.38
1.82
Delay D to Q
tpddr
0.78
1.78
2.30
1.19
2.19
2.67
tpddf
0.61
1.48
1.95
0.49
1.35
1.79
Delay E to Q
tpder
0.84
1.83
2.35
1.26
2.25
2.74
tpdef
0.61
1.50
1.92
0.44
1.30
1.73
Output Slope A to Q
op_slar
0.67
3.93
5.46
0.65
3.90
5.57
op_slaf
0.55
2.87
4.03
0.53
2.87
3.92
Output Slope B to Q
op_slbr
0.67
3.93
5.48
0.67
3.91
5.55
op_slbf
0.52
2.90
4.05
0.53
2.91
4.07
Output Slope C to Q
op_slcr
0.67
3.95
5.46
0.68
3.92
5.58
op_slcf
0.52
2.85
4.01
0.53
2.90
4.08
Output Slope D to Q
op_sldr
0.67
3.90
5.57
0.68
3.93
5.52
op_sldf
0.53
2.86
4.12
0.53
2.88
4.07
Output Slope E to Q
op_sler
0.68
3.88
5.53
0.67
3.93
5.57
op_slef
0.52
2.91
4.05
0.53
2.87
4.07
Sept. 1996
- 233 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
NA53
NA53


Similar Part No. - NA53

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
NA5 LUMEL-NA5 Datasheet
595Kb / 2P
DIGITAL METER WITH BARGRAPH
logo
Omron Electronics LLC
NA5-12W101B-V1 OMRON-NA5-12W101B-V1 Datasheet
108Kb / 4P
Touch screen HMI, 12.1 inch wide screen, TFT LCD, 24bit color, 1280x800 resolution, frame color : Black
NA5-12W101B-V1 OMRON-NA5-12W101B-V1 Datasheet
9Mb / 36P
Machine Interface
NA5-12W101S-V1 OMRON-NA5-12W101S-V1 Datasheet
9Mb / 36P
Machine Interface
NA5-15W101B-V1 OMRON-NA5-15W101B-V1 Datasheet
9Mb / 36P
Machine Interface
More results

Similar Description - NA53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
EN13 ETC-EN13 Datasheet
10Kb / 1P
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com