Electronic Components Datasheet Search
  English  ▼

X  

PTCR Datasheet(PDF) 1 Page - TT Electronics.

Part # PTCR
Description  custom designs available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PTCR Datasheet(HTML) 1 Page - TT Electronics.

  PTCR Datasheet HTML 1Page - TT Electronics. PTCR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mounted Thermistors
PTCR Series
TCR’s up to +3500 ppm
Custom designs available
Solderterminationshaveanickelbarrierlayer
Resistancerange10ohmsto800ohms
Tolerancesdownto2%
Availablein0805and1206sizes
Surface Mounted
Thermistors
PTCR Series
• TCR’s up to +3500 ppm
• Custom designs available
• Solder terminations have a nickel barrier layer
• Resistance range 10 ohms to 800 ohms
• Tolerances down to 2%
• Available in 0805 and 1206 sizes
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
Commercial
PTCR 0805
PTCR 1206
Notes
Power rating at 70°C
watts
0.1
0.25
Resistance range
ohms
10R to 400R
10R to 800R
Limiting element voltage
volts
100
200
TCR -55°C to 155°C
ppm/°C
See table below
Resistance tolerance at 20°C
%
2, 5, 10
Ambient temperature range
°C
-55 to 155
Values
ohms
E24 & E96 preferred
Any value to order
Thermal impedance
°C/watt
360
200
For 10 devices
mounted on a
50 x 25mm p.c.b. area
37
Variation of TCR within Value Range
Value range (ohms)
TCR (ppm/°C)
10 to <25
3500 ± 10%
25 to <50
3100 ± 10%
50 to <100
2900 ± 10%
10 to <200
2700 ± 15%
200 to <400
2400 ± 15%
400 to <800
2200 ± 15%
Physical Data
10000
1000
100
10
1
-55
-15
25
65
105
145
Temperature °C
10R
800R
Dimensions (mm) and weight (g)
Style
L
W
T max
A
B*
Wt nom
0805
2.0 ± 0.3 1.25 ± 0.2
0.6
0.3 ± 0.15 0.9 min
0.009
1206
3.2 ± 0.4 1.6 ± 0.2
0.7
0.4 ± 0.2
1.7 min
0.0090
*This dimension determines the number of conductors which may pass under the surface mounted device.
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
PTCR_C.qxd
8/9/04
4:00 PM
Page 1
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - PTCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTCR ETC-PTCR Datasheet
101Kb / 2P
Surface Mounted Thermistors
logo
Welwyn Components Limit...
PTCR WELWYN-PTCR Datasheet
104Kb / 2P
Surface Mounted Thermistors
logo
List of Unclassifed Man...
PTCR0805 ETC-PTCR0805 Datasheet
101Kb / 2P
Surface Mounted Thermistors
PTCR1206 ETC-PTCR1206 Datasheet
101Kb / 2P
Surface Mounted Thermistors
logo
Welwyn Components Limit...
PTCR1206400RF WELWYN-PTCR1206400RF Datasheet
104Kb / 2P
Surface Mounted Thermistors
More results

Similar Description - PTCR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3120DF-D1R5K-3 CT-CTDD3120DF-D1R5K-3 Datasheet
537Kb / 2P
Custom service available
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
Custom values available
logo
TT Electronics.
4700 TTELEC-4700 Datasheet
348Kb / 4P
Custom configuration available
logo
Laird Tech Smart Techno...
FG1563 LSTD-FG1563 Datasheet
1Mb / 1P
Custom tuning available
FG24005 LSTD-FG24005 Datasheet
1Mb / 1P
Custom tuning available
FG1523 LSTD-FG1523 Datasheet
1Mb / 1P
Custom tuning available
logo
Recom International Pow...
RI-XX05S RECOM-RI-XX05S Datasheet
89Kb / 2P
Custom Solutions Available
RN-XX3.3S RECOM-RN-XX3.3S Datasheet
104Kb / 2P
Custom Solutions Available
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com